Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1039 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1039
Description  Linear Building Block . Single Comparator in SOT Packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1039 Datasheet(HTML) 2 Page - Microchip Technology

  TC1039 Datasheet HTML 1Page - Microchip Technology TC1039 Datasheet HTML 2Page - Microchip Technology TC1039 Datasheet HTML 3Page - Microchip Technology TC1039 Datasheet HTML 4Page - Microchip Technology TC1039 Datasheet HTML 5Page - Microchip Technology TC1039 Datasheet HTML 6Page - Microchip Technology TC1039 Datasheet HTML 7Page - Microchip Technology TC1039 Datasheet HTML 8Page - Microchip Technology TC1039 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1037/TC1038/TC1039
DS21344B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................6.0V
Voltage on Any Pin .......... (VSS – 0.3V) to (VDD +0.3V)
Junction Temperature....................................... +150°C
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -55°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1037/TC1038/TC1039 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD = 3.0V. Minimum and maximum values apply for TA = -40° to
+85°C and VDD = 1.8V to 5.5V, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
1.8
5.5
V
IQ
Supply Current, Operating (TC1039)
(TC1037/TC1038)
6
4
10
8
µA
µA
All Outputs Unloaded,
SHDN =VDD for TC1038
ISHDN
Supply Current Shutdown Mode
(TC1038 Only)
——
0.3
µA
SHDN =VSS
Shutdown Input (TC1038 Only)
VIH
Input High Threshold
80% VDD
——
V
VIL
Input Low Threshold
20% VDD
V
ISI
Shutdown Input Current
±100
nA
Comparator
ROUT(SD)
Output Resistance in Shutdown
20
M
SHDN =VSS (TC1038 Only)
COUT(SD)
Output Capacitance in Shutdown
5
pF
SHDN =VSS (TC1038 Only)
TSEL
Select Time
20
µsec
VOUT Valid from SHDN =VIH
RL =10kΩ to VSS (TC1038 Only)
TDESEL
Deselect Time
500
nsec
VOUT Valid from SHDN =VIL
RL =10kΩ to VSS
VICMR
Common Mode Input Voltage Range VSS –0.2
VDD +0.2
V
AVOL
Large Signal Voltage Gain
100
V/mV
RL =10kΩ,VDD =5V
GBWP
Gain Bandwidth Product
90
kHz
VDD = 1.8V to 5.5V;
VO =VDD to VSS
VOS
Input Offset Voltage
–5
–5
—+5
+5
mV
mV
VDD =3V, VCM =1.5V, TA =25°C,
TA = -40°C to 85°C
IB
Input Bias Current
±100
pA
TA =25°C;
IN+, IN- = VDD to VSS
VOH
Output High Voltage
VDD –0.3
V
RL =10kΩ to VSS
VOL
Output Low Voltage
0.3
V
RL =10kΩ to VDD
CMRR
Common Mode Rejection Ratio
66
dB
TA =25°C; VDD =5V;
VCM =VDD to VSS
PSRR
Power Supply Rejection Ratio
60
dB
TA =25°C; VCM =1.2V;
VDD =1.8V to 5V
ISRC
Output Source Current
1
mA
IN+ = VDD,IN- =VSS
Output Shorted to VSS
VDD =1.8V
ISINK
Output Sink Current
2
mA
IN+ = VSS,IN- =VSS
Output Shorted to VSS
VDD =1.8V
TPD1
Response Time
4
µsec
100mV Overdrive, CL = 100pF
TPD2
Response Time
6
µsec
10mV Overdrive, CL = 100pF


Similar Part No. - TC1039

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
   Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
logo
TelCom Semiconductor, I...
TC1030COD TELCOM-TC1030COD Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030CPD TELCOM-TC1030CPD Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030CQR TELCOM-TC1030CQR Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
More results

Similar Description - TC1039

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1034 MICROCHIP-TC1034 Datasheet
479Kb / 16P
   Linear Building Block . Single Operational Amplifiers in SOT Packages
2002
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
logo
TelCom Semiconductor, I...
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
   Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
   Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com