Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT323 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SOT323
Description  Tape reel SMD; standard product orientation 12NC ending 115
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT323 Datasheet(HTML) 2 Page - NXP Semiconductors

  SOT323 Datasheet HTML 1Page - NXP Semiconductors SOT323 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NXP Semiconductors
SOT323
Tape reel SMD; standard product orientation 12NC ending 115
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 14 November 2012
Document identifier: SOT323_115
Limited warranty and liability
Information in this document is believed to be accurate and reliable. However, NXP
Semiconductors does not give any representations or warranties, expressed or implied, as
to the accuracy or completeness of such information and shall have no liability for the
consequences of use of such information.
2.
Product orientation
3.
Carrier tape dimensions
Fig 2.
Product orientation in carrier tape
Standard product orientation SOT323
direction of feed
Fig 3.
Carrier tape dimensions
Table 2.
Carrier tape dimensions
In accordance with IEC 60286-3.
A0 (mm)
B0 (mm)
K0 (mm)
T (mm)
P1 (mm)
W (mm)
2.4
2.6
1.2
-
4.0
8
K0
mdb579
A0
4
P1
B0
W
direction of feed


Similar Part No. - SOT323

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
168Kb / 3P
   Surface mounted, 3 pin package
logo
Diodes Incorporated
SOT323 DIODES-SOT323 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOT323 DIODES-SOT323 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
Global Mixed-mode Techn...
SOT323 GMT-SOT323 Datasheet
127Kb / 1P
   Package Outline
More results

Similar Description - SOT323

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT89 PHILIPS-SOT89 Datasheet
184Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 115
Rev. 1-26 November 2012
SOT163-1_115 PHILIPS-SOT163-1_115 Datasheet
242Kb / 3P
   Tape reel SMD standard product orientation 12NC ending 115
Rev. 1-25 April 2013
SOT96-1_115 PHILIPS-SOT96-1_115 Datasheet
227Kb / 3P
   Tape reel SMD standard product orientation 12NC ending 115
Rev. 1-23 November 2012
SOT223_115 PHILIPS-SOT223_115 Datasheet
194Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 115
Rev. 1-18 October 2012
SOD523 PHILIPS-SOD523 Datasheet
184Kb / 2P
   Tape reel standard product orientation 12NC ending 115
Rev. 1-4 October 2012
SOT457_115 PHILIPS-SOT457_115 Datasheet
192Kb / 2P
   TSOP6; Tape reel SMD; standard product orientation 12NC ending 115
Rev. 1-27 November 2012
SOT363 PHILIPS-SOT363 Datasheet
193Kb / 2P
   TSSOP6 Tape reel SMD standard product orientation 12NC ending 115
Rev. 1-13 November 2012
SOT502A PHILIPS-SOT502A Datasheet
235Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 135
Rev. 1-30 November 2012
SOT23_215 PHILIPS-SOT23_215 Datasheet
207Kb / 2P
   Tape reel SMD standard product orientation 12NC ending 215
Rev. 1-15 November 2012
SOT457_135 PHILIPS-SOT457_135 Datasheet
192Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 135
Rev. 1-27 November 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com