Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC105 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 2 Page - Microchip Technology

  TC105 Datasheet HTML 1Page - Microchip Technology TC105 Datasheet HTML 2Page - Microchip Technology TC105 Datasheet HTML 3Page - Microchip Technology TC105 Datasheet HTML 4Page - Microchip Technology TC105 Datasheet HTML 5Page - Microchip Technology TC105 Datasheet HTML 6Page - Microchip Technology TC105 Datasheet HTML 7Page - Microchip Technology TC105 Datasheet HTML 8Page - Microchip Technology TC105 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC105
DS21349B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Voltage on VDD....................................... -0.3V to +12V
EXT Output Current ........................................±100mA
Voltage on VOUT,EXT,
SHDN Pins .....................................-0.3V to VDD +0.3V
Power Dissipation.............................................150mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC105 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Note 1, fOSC =300 kHz; TA = 25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Operating Supply Voltage
2.2
10.0
V
VDDMIN
Minimum Input Voltage
0.9
2.2
V
EXT = High; No external components;
VOUT = 0V, SHDN =VIN
IDD
Operating Supply Current
57
67
102
122
µA
No external components; VR =3.0V, 3.3V
VOUT = 0V, SHDN =VIN VR =5.0V
ISTBY
Standby Supply Current
15
16
27
29
µA
No external components; VR =3.0V, 3.3V
VOUT =SHDN =VIN
VR =5.0V
ISHDN
Shutdown Supply Current
0.5
µA
SHDN =GND
fOSC
Oscillator Frequency
255
300
345
kHz
VIN =VOUT +0.3V
VOUT
Output Voltage
VR x0.975
VR
VR x1.025
Note 2
DTYMAX Maximum Duty Cycle (PWM Mode)
100
%
DTYPFM
Duty Cycle (PFM Mode)
15
25
35
%
IOUT =0mA
VIH
SHDN Input Logic High
0.65
V
VOUT = 0V, No external components
VIL
SHDN Input Logic Low
0.20
V
VOUT = 0V, No external components
REXTH
EXT ON Resistance to VDD
17
16
12
24
22
17
No external components; VR =3.0V
VR =3.3V
VR =5.0V
VOUT = SHDN =VIN,VEXT =(VIN –0.4V)
REXTL
EXT ON Resistance to GND
15
14
10
20
19
14
No external components; VR =3.0V
VR =3.3V
VR =5.0V
VOUT = 0V, SHDN =VIN,VEXT =0.4V
η
Efficiency
92
%
Note
1:
VR =3.0V, VIN =4.5V, IOUT = 200mA
VR =3.3V, VIN =5.0V, IOUT = 220mA
VR =5.0V, VIN =7.5V, IOUT = 320mA
2:
VR is the factory output voltage setting.


Similar Part No. - TC105

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC10501 CDE-TC10501 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC105303ECT MICROCHIP-TC105303ECT Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC105333ECT MICROCHIP-TC105333ECT Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
More results

Similar Description - TC105

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com