Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3961EMP-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961EMP-3.3
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961EMP-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LP3961EMP-3.3 Datasheet HTML 1Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 2Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 3Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 4Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 5Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 6Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 7Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 8Page - Texas Instruments LP3961EMP-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
1 Features
3 Description
The LP396x series of fast ultra-low-dropout linear
1
Input Supply Voltage: 2.5 V to 7 V
regulators operate from a 2.5-V to 7-V input supply. A
Ultra-Low Dropout Voltage
wide range of preset output voltage options are
Low Ground Pin Current
available. These ultra-low dropout linear regulators
respond very fast to step changes in load which
Load Regulation of 0.02%
makes them suitable for low-voltage microprocessor
15-µA Quiescent Current in Shutdown Mode
applications. The LP3961 and LP3964 are developed
Specified Output Current of 0.8-A DC
on a CMOS process which allows low quiescent
current operation independent of output load current,
Output Voltage Accuracy ±1.5%
as well as operation under extremely low dropout
ERROR Flag Indicates Output Status (LP3961)
conditions.
Sense Option Improves Better Load Regulation
Dropout Voltage: Ultra-low dropout voltage; typically
(LP3964)
24 mV at 80-mA load current and 240 mV at 800-mA
Extremely Low Output Capacitor Requirements
load current.
Overtemperature and Overcurrent Protection
Ground Pin Current: Typically 4 mA at 800-mA load
−40°C to 125°C Junction Temperature Range
current.
ERROR Flag: ERROR flag goes low when the output
2 Applications
voltage drops 10% below nominal value (for LP3961).
Microprocessor Power Supplies
SENSE: SENSE pin improves regulation at remote
GTL, GTL+, BTL, and SSTL Bus Terminators
loads (for LP3964).
Power Supplies for DSPs
Precision Output Voltage: Multiple output voltage
SCSI Terminator
options are available ranging from 1.2 V to 5 V and
Post Regulators
adjustable (LP3964), with a specified accuracy of
High-Efficiency Linear Regulators
±1.5% at room temperature, and ±3% over all
conditions (varying line, load, and temperature).
Battery Chargers
Other Battery-Powered Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-223 (5)
6.50 mm × 3.56 mm
LP3961
LP3964
TO-263 (5)
10.16 mm × 8.42 mm
LP3964
TO-220 (5)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
LP3964 Typical Application Circuits
LP3961 Typical Application Circuit
A.
*SD and ERROR pins must be pulled high
through a 10-k
Ω pullup resistor. Connect
the ERROR pin to ground if this function is
not used.
*See note A on LP3961 Typical Application
Circuit.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3961EMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3961EMP-3.3 NSC-LP3961EMP-3.3 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3961EMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com