Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA2008W-800D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA2008W-800D
Description  3Q Hi-Com Triac
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA2008W-800D Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA2008W-800D Datasheet HTML 1Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 2Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 3Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 4Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 5Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 6Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 7Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 8Page - NXP Semiconductors BTA2008W-800D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
BTA2008W-800D
3Q Hi-Com Triac
BTA2008W-800D
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
14 August 2014
5 / 15
003aag394
tp (s)
10-5
10-1
10-2
10-4
10-3
102
10
103
ITSM
(A)
1
(1)
ITSM
t
IT
Tj(init) = 25 °C max
tp
tp ≤ 20 ms; (1) dIT/dt limit
Fig. 5. Non-repetitive peak on-state current as a function of pulse duration; maximum values


Similar Part No. - BTA2008W-800D

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA2008W-800D WEEN-BTA2008W-800D Datasheet
1Mb / 16P
   3Q Hi-Com Triac
More results

Similar Description - BTA2008W-800D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com