Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208X-600B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BTA208X-600B
Description  3Q Hi-Com Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208X-600B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BTA208X-600B Datasheet HTML 4Page - NXP Semiconductors BTA208X-600B Datasheet HTML 5Page - NXP Semiconductors BTA208X-600B Datasheet HTML 6Page - NXP Semiconductors BTA208X-600B Datasheet HTML 7Page - NXP Semiconductors BTA208X-600B Datasheet HTML 8Page - NXP Semiconductors BTA208X-600B Datasheet HTML 9Page - NXP Semiconductors BTA208X-600B Datasheet HTML 10Page - NXP Semiconductors BTA208X-600B Datasheet HTML 11Page - NXP Semiconductors BTA208X-600B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
BTA208X-600B
3Q Hi-Com Triac
BTA208X-600B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
22 May 2014
8 / 13
Tj (°C)
- 50
150
100
0
50
003aac888
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)
(1) T2- G-
(2) T2+ G-
(3) T2+ G+
Fig. 7. Normalized gate trigger current as a function of
junction temperature
Tj (°C)
-50
150
100
0
50
001aab100
1
2
3
0
IL
IL(25°C)
Fig. 8. Normalized latching current as a function of
junction temperature
Tj (°C)
-50
150
100
0
50
001aab099
1
2
3
0
IH
IH(25°C)
Fig. 9. Normalized holding current as a function of
junction temperature
003aaa971
VT (V)
0
3
2
1
10
15
5
20
25
IT
(A)
0
(1)
(2)
(3)
Vo = 1.264 V; Rs = 0.0378 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig. 10. On-state current as a function of on-state
voltage


Similar Part No. - BTA208X-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X-600B PHILIPS-BTA208X-600B Datasheet
50Kb / 6P
   Three quadrant triacs high commutation
October 1999
BTA208X-600B PHILIPS-BTA208X-600B Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208X-600B WEEN-BTA208X-600B Datasheet
304Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA208X-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com