Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3964ES-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3964ES-ADJ
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3964ES-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LP3964ES-ADJ Datasheet HTML 1Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 2Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 3Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 4Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 5Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 6Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 7Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 8Page - Texas Instruments LP3964ES-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LP3961, LP3964
www.ti.com
SNVS056J – MAY 2000 – REVISED JUNE 2015
5 Pin Configurations and Functions
5-Pin NDC
5-Pin NDH
5-Pin KTT
SOT-223 Package
TO-220 Package (LP3964)
SFM/TO-263 Package
Top View
Top View
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
LP3964
NAME
LP3961
TO-220
SOT-223
SFM/TO-263
ERROR
4
O
ERROR flag
GND
5
5
3
Ground
IN
2
2
2
I
Input supply
OUT
3
3
4
O
Output voltage
SD
1
1
1
I
Shutdown
SENSE/AD
4
5
I
Remote sense pin or output adjust pin
J
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3961 LP3964


Similar Part No. - LP3964ES-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3964ES-ADJ NSC-LP3964ES-ADJ Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3964ES-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com