Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2031 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGA2031
Description  MMIC variable gain amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGA2031_1 Datasheet HTML 3Page - NXP Semiconductors BGA2031_1 Datasheet HTML 4Page - NXP Semiconductors BGA2031_1 Datasheet HTML 5Page - NXP Semiconductors BGA2031_1 Datasheet HTML 6Page - NXP Semiconductors BGA2031_1 Datasheet HTML 7Page - NXP Semiconductors BGA2031_1 Datasheet HTML 8Page - NXP Semiconductors BGA2031_1 Datasheet HTML 9Page - NXP Semiconductors BGA2031_1 Datasheet HTML 10Page - NXP Semiconductors BGA2031_1 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2001 Feb 05
7
NXP Semiconductors
Product specification
MMIC variable gain amplifier
BGA2031/1
ELECTRICAL BLOCK DIAGRAM
List of components (see Fig.10)
Note
1. The striplines are on a gold plated double copper-clad printed-circuit board (
r = 6.15), board thickness = 0.64 mm,
copper thickness = 35
m, gold thickness = 5 m.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
C1
multilayer ceramic chip capacitor
10 nF
0603
C2
multilayer ceramic chip capacitor
22 nF
0603
C3
multilayer ceramic chip capacitor
1.5 nF
0603
L1, L2
stripline; note 1
50
R1
SMD resistor
22
; 0.16 W
0603
R2
SMD resistor
2.4
; 0.16 W
0603
handbook, full pagewidth
MGU298
RF output
C1
R1
L1
L2
BIAS
CIRCUIT
RF input
VCTRL
DC-block
Bias-T
C2
VS1
VS2
C3
R2
Fig.10 Test diagram.


Similar Part No. - BGA2031_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031-1 NXP-BGA2031-1 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA2031_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694 AD-HMC694 Datasheet
466Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
   Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com