Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_104 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050_104
Description  10/100/1000BASE-T to 1000BASE-SX/LX10 Active Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_104 Datasheet(HTML) 3 Page - Glenair, Inc.

  050_104 Datasheet HTML 1Page - Glenair, Inc. 050_104 Datasheet HTML 2Page - Glenair, Inc. 050_104 Datasheet HTML 3Page - Glenair, Inc. 050_104 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
56
© 2014 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Feb. 2014
050-104
10/100/1000BASE-T to 1000BASE-SX/LX
Active Cable
Table III: 050-104-SX/LX10 Connector Pin Out Definitions
J1/J2 - Data Connector
Mating Connector for J1/J2
Contact P/N: N/A
Contact P/N: N/A
Pin
Name
Description
Equivalent RJ45 Pin #
(for reference only)
Pin
Name
1
NC
No Connect
N/A
1
NC
2
NC
No Connect
N/A
2
NC
3
NC
No Connect
N/A
3
NC
4
NC
No Connect
N/A
4
NC
5
GND
Ground
N/A
5
GND
6
NC
No Connect
N/A
6
NC
7
NC
No Connect
N/A
7
NC
8
NC
No Connect
N/A
8
NC
9
NC
No Connect
N/A
9
NC
10
GND
Ground
N/A
10
GND
11
Vin
28V
N/A
11
Vin
12
NC
No Connect
N/A
12
NC
13
GND
Ground
N/A
13
GND
14
GND
Ground
14
GND
15
Vin
28V
15
Vin
16
MDA-
Data A (-)
2
16
MDA-
17
GND
Ground
17
GND
18
MDD+
Data D(+)
7
18
MDD+
19
MDB-
Data B (-)
6
19
MDD-
20
MDC+
Data C (+)
4
20
MDC+
21
MDA+
Data A(+)
1
21
MDA+
22
GND
Ground
N/A
22
GND
23
MDD-
Data D (-)
8
23
MDD-
24
MDB+
Data B (+)
3
24
MDB+
25
MDC-
Data C (-)
5
25
MDC-
26
GND
Ground
26
GND
CONNECTOR CONFIGURATIONS
J2
Mighty Mouse
Plug, Electrical
J2 Mating Connector P/N Development
Mighty
Mouse
Series
003 - Receptacle w/
banding platform
004 - Receptacle w/
accessory thread
005 - Receptacle w/ solder cup
PCB termination
Shell Style
01 - In-line
02 - Square flange
07 - Jam nut for rear
panel mounting
805 - 004 - 02 NF 12-26
P A
Material/
Finish
(Table I)
Pin contacts
P - Pin, PC tail
E - Pin, solder cup
(805-005 only)
Shell Key
Polarization
A (Normal), B, C, D
12-26 insert
arrangement


Similar Part No. - 050_104

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
More results

Similar Description - 050_104

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
logo
Glenair, Inc.
050_110 GLENAIR-050_110 Datasheet
758Kb / 13P
   Media Converter, Single Channel 1000BASE-T to 1000BASE-LX10
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
logo
Level One
GVT-2000 LVL1-GVT-2000 Datasheet
646Kb / 4P
   10/100/1000BASE-T to 1000BASE-X SFP Converter
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com