Electronic Components Datasheet Search |
|
050_113 Datasheet(PDF) 10 Page - Glenair, Inc. |
|
050_113 Datasheet(HTML) 10 Page - Glenair, Inc. |
10 / 15 page ©2014 Glenair, Inc. REV: 7 US Cage Code 06324 Printed in USA GLENAIR, INC. ∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912 www.glenair.com PAGE 10 of 15 E-mail: sales@glenair.com 050-113 Media Converter, Single or Dual Channel, Panel Mount 10/100/1000BASE-T to Fiber Optic Ethernet (SX, LX10 or FX) Ratings and Specifications – FX VERSION ETHERNET COMPLIANCE ABSOLUTE MAXIMUM RATINGS Parameter Symbol Min Typ Max Units Notes Storage Temperature Ts -55 +100 °C Supply Voltage Vcc -0.5 40 V 1 second maximum OPERATING CONDITIONS Parameter Symbol Min Typ Max Units Notes Operating Temperature Top -40 +85 °C Supply Voltage Vcc 18 28 36 V Supply Current Icc 100 150 mA @28VDC, PER CHANNEL Power Supply Noise (Peak-Peak) Vcc ripple 200 mV OPTICAL CHARACTERISTICS – TRANSMITTER Parameter Symbol Min Typ Max Units Notes Optical Output Power POUT -19 -14 dBm 1300nm LED (IEC 9314-3) Optical Wavelength λ OUT 1270 1310 1380 nm Spectral Width Δλ 150 nm OPTICAL CHARACTERISTICS - RECEIVER Parameter Symbol Min Typ Max Units Notes Sensitivity, BER 10 -10, PRBS 2-7-1 PIN -32 dBm PIN PD Overload, BER 10 -10, PRBS 2-7-1 PIN -14 dBm Optical Wavelength λ IN 1270 1310 1380 nm Parameter Medium Type Distance Notes Fast Ethernet, IEEE 802.3u, 100BASE-T TIA/EIA-568-B Cat 5E 100m Fast Ethernet, IEEE 802.3u, 100BASE-FX, IEC 9314-3 MMF (50/125µm) & (62.5/125µm) 2km |
Similar Part No. - 050_113 |
|
Similar Description - 050_113 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |