Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC030N08NS5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSC030N08NS5
Description  Superior thermal resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC030N08NS5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSC030N08NS5 Datasheet HTML 1Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 2Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 3Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 4Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 5Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 6Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 7Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 8Page - Infineon Technologies AG BSC030N08NS5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
OptiMOSTM5Power-Transistor,80V
BSC030N08NS5
Rev.2.2,2014-11-10
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
ID
-
-
-
-
-
-
100
100
22
A
VGS=10V,TC=25°C
VGS=10V,TC=100°C
VGS=10V,TC=25°C,RthJA=50K/W1)
Pulsed drain current
2)
ID,pulse
-
-
400
A
TC=25°C
Avalanche energy, single pulse
3)
EAS
-
-
250
mJ
ID=50A,RGS=25
Gate source voltage
VGS
-20
-
20
V
-
Power dissipation
Ptot
-
-
-
-
139
2.5
W
TC=25°C
TA=25°C,RthJA=50K/W1)
Operating and storage temperature
Tj,Tstg
-55
-
150
°C
IEC climatic category;
DIN IEC 68-1: 55/150/56
3Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case,
bottom
RthJC
-
0.5
0.9
K/W
-
Thermal resistance, junction - case,
top
RthJC
-
-
20
K/W
-
Device on PCB,
6 cm
2 cooling area1)
RthJA
-
-
50
K/W
-
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
2) See figure 3 for more detailed information
3) See figure 13 for more detailed information


Similar Part No. - BSC030N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC030N03LSG INFINEON-BSC030N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.27 2009-10-22
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
BSC030N04NSG INFINEON-BSC030N04NSG Datasheet
387Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.04 2009-10-22
More results

Similar Description - BSC030N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N10NS5 INFINEON-BSC040N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.1,2015-01-07
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1,2014-06-19
BSC035N10NS5 INFINEON-BSC035N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N08NS5 INFINEON-BSC040N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC072N08NS5 INFINEON-BSC072N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC037N08NS5 INFINEON-BSC037N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
IPA060N06N INFINEON-IPA060N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1
IPA029N06N INFINEON-IPA029N06N Datasheet
1Mb / 11P
   Superior thermal resistance
BSC052N08NS5 INFINEON-BSC052N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com