Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT2150AW-ESR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CMT2150AW-ESR
Description  240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2150AW-ESR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CMT2150AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CMT2150AW
Rev 0.8 | Page 5/31
www.hoperf.com
1.
Electrical Characteristics
VDD = 3.3 V, TOP = 25 , FRF
= 433.92 MHz, output power is +10 dBm terminated in a matched 50 Ω impedance, unless
otherwise noted.
1.1 Recommended Operating Conditions
Table 2. Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operation Voltage Supply
VDD
1.8
3.6
V
Operation Temperature
TOP
-40
85
Supply Voltage Slew Rate
1
mV/us
1.2 Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings
[1]
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
3.6
V
Interface Voltage
VIN
-0.3
VDD + 0.3
V
Junction Temperature
TJ
-40
125
Storage Temperature
TSTG
-50
150
Soldering Temperature
TSDR
Lasts at least 30 seconds
255
ESD Rating
Human Body Model (HBM)
-2
2
kV
Latch-up Current
@ 85
-100
100
mA
Note:
[1]. Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Caution! ESD sensitive device. Precaution should be used when handling the device in order
to prevent permanent damage.


Similar Part No. - CMT2150AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESB ETC2-CMT2157AW-ESB Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
More results

Similar Description - CMT2150AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
   Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com