Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC037N08NS5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSC037N08NS5
Description  Superior thermal resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC037N08NS5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSC037N08NS5 Datasheet HTML 4Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 5Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 6Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 7Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 8Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 9Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 10Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 11Page - Infineon Technologies AG BSC037N08NS5 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
OptiMOSTM5Power-Transistor,80V
BSC037N08NS5
Rev.2.0,2014-12-17
Final Data Sheet
Diagram13:Avalanchecharacteristics
tAV[µs]
100
101
102
103
100
101
102
25 °C
100 °C
125 °C
IAS=f(tAV);RGS=25
Ω;parameter:Tj(start)
Diagram14:Typ.gatecharge
Qgate[nC]
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
16 V
40 V
64 V
VGS=f(Qgate);ID=50Apulsed;parameter:VDD
Diagram15:Drain-sourcebreakdownvoltage
Tj[°C]
-60
-20
20
60
100
140
180
76
78
80
82
84
86
VBR(DSS)=f(Tj);ID=1mA
Gate charge waveforms


Similar Part No. - BSC037N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC037N08NS5T INFINEON-BSC037N08NS5T Datasheet
1Mb / 12P
   OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.2,2020-06-17
More results

Similar Description - BSC037N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N10NS5 INFINEON-BSC040N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.1,2015-01-07
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1,2014-06-19
BSC035N10NS5 INFINEON-BSC035N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N08NS5 INFINEON-BSC040N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC072N08NS5 INFINEON-BSC072N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
IPA060N06N INFINEON-IPA060N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1
BSC030N08NS5 INFINEON-BSC030N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.2,2014-11-10
IPA029N06N INFINEON-IPA029N06N Datasheet
1Mb / 11P
   Superior thermal resistance
BSC052N08NS5 INFINEON-BSC052N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com