Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_205 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 050_205
Description  Copper to Fiber DVI Media Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_205 Datasheet(HTML) 1 Page - Glenair, Inc.

  050_205 Datasheet HTML 1Page - Glenair, Inc. 050_205 Datasheet HTML 2Page - Glenair, Inc. 050_205 Datasheet HTML 3Page - Glenair, Inc. 050_205 Datasheet HTML 4Page - Glenair, Inc. 050_205 Datasheet HTML 5Page - Glenair, Inc. 050_205 Datasheet HTML 6Page - Glenair, Inc. 050_205 Datasheet HTML 7Page - Glenair, Inc. 050_205 Datasheet HTML 8Page - Glenair, Inc. 050_205 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
THIS COPYRIGHTED DOCUMENT IS THE PROPERTY OF GLENAIR, INC. AND IS FURNISHED ON THE CONDITION THAT IT IS NOT TO
BE DISCLOSED, REPRODUCED IN WHOLE OR IN PART, OR USED TO SOLICIT QUOTATIONS FROM COMPETITIVE SOURCES, OR USED
FOR MANUFACTURE BY ANYONE OTHER THAN GLENAIR, INC. WITHOUT WRITTEN PERMISSION FROM GLENAIR, INC. THE INFORMATION
HEREIN HAS BEEN DEVELOPED AT GLENAIR'S EXPENSE AND MAY BE USED FOR ENGINEERING EVALUATION AND INCORPORATION
INTO TECHNICAL SPECIFICATIONS AND OTHER DOCUMENTS WHICH SPECIFY PROCUREMENT OF PRODUCTS FROM GLENAIR, INC.
050-205
Data Sheet
Copper to Fiber DVI Media Converter, 28VDC
D38999 (ARINC801 for Fiber Optic), D38999 (Quadrax & Pin
contacts for Signal, Power and Service Port)
REV
DESCRIPTION
DATE
APPROVED
3
Preliminary
05/20/2015
MF


Similar Part No. - 050_205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
More results

Similar Description - 050_205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_206 GLENAIR-050_206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com