Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_301 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050_301
Description  Size 8 Cavity Opto-Electronic Contact
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_301 Datasheet(HTML) 4 Page - Glenair, Inc.

  050_301 Datasheet HTML 1Page - Glenair, Inc. 050_301 Datasheet HTML 2Page - Glenair, Inc. 050_301 Datasheet HTML 3Page - Glenair, Inc. 050_301 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
7
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-301
Size 8 Cavity Opto-Electronic Contact
1.25mm ARINC 801 Terminus, 100Mbps – 4.25Gbps
Absolute Max. Rating: Receiver
Parameter
symbol
Min.
typ.
Max.
unit
Storage
Temperature
Ts
-55
+100
°C
Operating
Voltage
Vcc
-0.4
+4
V
Operating Conditions: Receiver
Parameter
symbol
Min.
typ.
Max.
unit
Operating
Temperature
Top
-40
+85
°C
Supply Voltages
Vcc
3.14
3.3
3.46
V
Power Supply
noise
VCCripple
0.15
V
Optical Receiver
Parameter
symbol Min.
typ.
Max.
unit
Optical Sensitivity
125 mbps–1.25 Gbps
Er=9dB, PrBS 2^7-1
BEr=10^-12
-01 = 125 mbps
-01 = 1.25 Gbps
-02 = 2.50 Gbps
-03 = 3.20 Gbps
-04 = 4.25 Gbps
-17
-17
-17
-15
-15
-14
dBm
dBm
dBm
dBm
dBm
dBm
Optical Overload
0
dBm
Optical Wavelength
λOut
830
860
nm
Differential Output Swing (P-P)
Vdiff
600
1200
mV
LOS Assert Level
LOSh
-24
-22
dBm
LOS Hysteresis
LOS HYS
1.5
2.3
dB
Receiver Power Supply Current VCC = 3.14 to 3.46V, Over Top
Parameter
symbol
Min.
typ.
Max.
unit
Supply
Current
ICC
90
mA
Electrical Pin Arrangement - Receiver
Pin Symbol
Description
Logic
1
GnD
Signal Ground
2
Vcc
Power Supply
3
GnD
Signal Ground
4
LOS
Loss of Signal (Output)
Loss of Valid Optical Signal 
Logic “1” Output
CmOS
Open Drain
5
rX-
receiver Inverted Data (Output)
CmL (Current
mode Logic
6
rX+
receiver non-Inverter Data (Output)
CmL (Current
mode Logic
note: 62.5 µm fiber input
Recommended Interface Circuit
ReCeiVeR
Optical
input
PD
GnD
3
GnD 1
LOs 4
Rx-
5
Rx+ 6
Vcc
Ferrite Bead 150 Ohms minimum
@100mhz
2
0.01μF 0.1μF 10μF
0.01μF
50Ω Transmission Line
50Ω Transmission Line
Vcc=3.3v
Vcc=3.3v
4.7kΩ
0.01μF
Receiver


Similar Part No. - 050_301

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
More results

Similar Description - 050_301

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_308 GLENAIR-050_308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-308 GLENAIR-050-308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_307 GLENAIR-050_307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
059-0001 GLENAIR-059-0001 Datasheet
208Kb / 2P
   D38999 Size 8 Cavity Adapter Kit
059_0001 GLENAIR-059_0001 Datasheet
208Kb / 2P
   D38999 Size 8 Cavity Adapter Kit
050-313 GLENAIR-050-313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
050_303 GLENAIR-050_303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050-303 GLENAIR-050-303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com