Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_315 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_315
Description  PRODUCT BRIEF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_315 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_315 Datasheet HTML 1Page - Glenair, Inc. 050_315 Datasheet HTML 2Page - Glenair, Inc. 050_315 Datasheet HTML 3Page - Glenair, Inc. 050_315 Datasheet HTML 4Page - Glenair, Inc. 050_315 Datasheet HTML 5Page - Glenair, Inc. 050_315 Datasheet HTML 6Page - Glenair, Inc. 050_315 Datasheet HTML 7Page - Glenair, Inc. 050_315 Datasheet HTML 8Page - Glenair, Inc. 050_315 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-315 Product Brief
PCB Mount Transceiver
100 Mbps – 5 Gbps, MMF, 3.3V
PCB Mount Fiber Optic Transceiver, 100M-5Gbps, MMF, 3.3V
Glenair 050-315, is a ruggedized harsh environment PCB Mount Transceiver
with electrical and optical functionality equivalent to SFP transceivers but with
mechanical design that is suited to the harsh temperature and vibration environments
found in the Military, Aerospace, Railway, Oil and Gas, and Industrial applications.
The PCB mount optical transceivers also support optional Digital Monitoring Interface
(DMI) features in accordance with SFF 8472. The transceiver is comprised of a
transmitter section and a receiver section that resides on a common package and
interface with a host board through a high speed electrical connector.
The transmitter section includes the Transmitter Optical Subassembly (TOSA)
and laser driver circuitry. The TOSA, containing an 850 nm VCSEL (Vertical Cavity
Surface Emitting Laser) light source, is located at the optical interface and mates with
the GC optical connector. The TOSA is driven by a laser driver, which converts
differential logic signals into an analog laser diode drive current. This laser driver circuit
regulates the optical power at a constant level provided the data pattern is DC
balanced (for example 8B10B encoding).
The receiver section includes the Receiver Optical Subassembly (ROSA) and
amplification/quantization circuitry. The ROSA, containing a PIN photodiode and trans-
impedance preamplifier, is located at the optical interface and mates with the GC
optical connector. The ROSA is mated to a limiting amplifier IC that provides post-
amplification and quantization. Also included is a Loss Of Signal (LOS) detection
circuit.
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-315-1
100Mbps-2.5Gbps, without DMI
050-315-1-D
100Mbps-2.5Gbps, with DMI
050-315-1-D-ET1
100Mbps-2.5Gbps, with DMI, Extended Temperature Range 1
050-315-2
2.5Gbps-5Gbps, without DMI
050-315-2-D
2.5Gbps-5Gbps, with DMI
050-315-2-D-ET1
2.5Gbps-5Gbps, with DMI, Extended Temperature Range 1
KEY FEATURES/BENEFITS
SFP Compatible Electrical I/O signal levels
850nm VCSEL lasers to support up to 5 Gbps
PIN PD to support high sensitivity up to 5 Gbps
Industry standard CML input and outputs that
make for simple integration on customer host PCB
Glenair Rugged GC Optical connector
High Operational Shock (650 g) &
Vibration (54 g rms) – test reports available
Transceiver is securely mounted with screws to
PCB to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Captive screws to simplify manufacturing logistics
and assembly
Small: Approx. 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
o
Extended Temperature Range Option
Glenair fiber jumpers connect from transceiver to
any Glenair Mil/Aero Fiber Optic Connector Style
Evaluation fixtures available
Optional Digital Diagnostic and Monitoring (DMI)
based on SFF-8472, enables monitoring of:
o
Transmitted optical power
o
Received optical power,
o
Laser bias current,
o
Temperature
o
Supply voltage
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
Ethernet, FC 1x, 2x, 4x, SFPDP


Similar Part No. - 050_315

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
logo
Littelfuse
0508315MXP LITTELFUSE-0508315MXP Datasheet
456Kb / 2P
   3AB 1000VAC / DC High Voltage Fuse
0508315MXP LITTELFUSE-0508315MXP Datasheet
168Kb / 2P
   Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
More results

Similar Description - 050_315

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
logo
List of Unclassifed Man...
BMD101 ETC-BMD101 Datasheet
933Kb / 14P
   BMD101 Product Brief
June 11, 2012 Rev 0.9.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com