Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622020209 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622020209
Description  Insertion Module for Standard Shield Signal Header, 8-Row by 10-Wide, 20.00mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622020209 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622020209 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622020209
Status:
Active
Description:
Insertion Module for Standard Shield Signal Header, 8-Row by 10-Wide, 20.00mm
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Insertion
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
756054005088
Physical
Net Weight
47.990/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-622020209, TM-622010999
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
VHDM® Board-to-Board Backplane Header
74060 , 74061 , 74062 , 74075
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622020209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622020201 MOLEX11-0622020201 Datasheet
30Kb / 1P
   Signal Header, 5-Row by 10-Wide, 20.00mm
0622020202 MOLEX11-0622020202 Datasheet
41Kb / 1P
   Signal Header, 5-Row by 25-Wide, 50.00mm
0622020203 MOLEX11-0622020203 Datasheet
30Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 6-Row by 10-Wide, 20.00mm
0622020204 MOLEX11-0622020204 Datasheet
32Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 6-Row by 25-Wide, 50.00mm
0622020205 MOLEX11-0622020205 Datasheet
31Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 8-Row by 10-Wide, 20.00mm
More results

Similar Description - 0622020209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622020205 MOLEX11-0622020205 Datasheet
31Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 8-Row by 10-Wide, 20.00mm
0622020210 MOLEX11-0622020210 Datasheet
33Kb / 1P
   Insertion Module for Standard Shield Signal Header, 8-Row by 25-Wide, 50.00mm
0622020203 MOLEX11-0622020203 Datasheet
30Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 6-Row by 10-Wide, 20.00mm
0622020207 MOLEX11-0622020207 Datasheet
31Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 6-Row by 10-Wide, 20.00mm
0622020208 MOLEX11-0622020208 Datasheet
32Kb / 1P
   Insertion Module for Standard Shield Signal Header, 6-Row by 25-Wide, 50.00mm
62202-0216 MOLEX11-62202-0216 Datasheet
37Kb / 1P
   Signal Header, 6-Row by 10-Wide, 20.00mm
0622020201 MOLEX11-0622020201 Datasheet
30Kb / 1P
   Signal Header, 5-Row by 10-Wide, 20.00mm
0622020217 MOLEX11-0622020217 Datasheet
30Kb / 1P
   Insertion Module Signal Header, 6 Row by 25 Wide, 50.00mm
0622020206 MOLEX11-0622020206 Datasheet
33Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 6-Row by 25-Wide, 50.00mm
0622020204 MOLEX11-0622020204 Datasheet
32Kb / 1P
   Insertion Module for Advanced Mate Signal Header, 6-Row by 25-Wide, 50.00mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com