Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC117N08NS5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC117N08NS5
Description  Superior thermal resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC117N08NS5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC117N08NS5 Datasheet HTML 2Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 3Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 4Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 5Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 6Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 7Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 8Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 9Page - Infineon Technologies AG BSC117N08NS5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
OptiMOSTM5Power-Transistor,80V
BSC117N08NS5
Rev.2.0,2014-12-17
Final Data Sheet
Table6Gatechargecharacteristics1)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
5
-
nC
VDD=40V,ID=25A,VGS=0to10V
Gate charge at threshold
Qg(th)
-
3
-
nC
VDD=40V,ID=25A,VGS=0to10V
Gate to drain charge
2)
Qgd
-
3
5
nC
VDD=40V,ID=25A,VGS=0to10V
Switching charge
Qsw
-
6
-
nC
VDD=40V,ID=25A,VGS=0to10V
Gate charge total
2)
Qg
-
15
18
nC
VDD=40V,ID=25A,VGS=0to10V
Gate plateau voltage
Vplateau
-
5.0
-
V
VDD=40V,ID=25A,VGS=0to10V
Gate charge total, sync. FET
Qg(sync)
-
13
-
nC
VDS=0.1V,VGS=0to10V
Output charge
2)
Qoss
-
19
25
nC
VDD=40V,VGS=0V
Table7Reversediode
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode continuous forward current
IS
-
-
45
A
TC=25°C
Diode pulse current
IS,pulse
-
-
196
A
TC=25°C
Diode forward voltage
VSD
-
0.9
1.1
V
VGS=0V,IF=25A,Tj=25°C
Reverse recovery time
2)
trr
-
37
73
ns
VR=40V,IF=25A,diF/dt=100A/µs
Reverse recovery charge
2)
Qrr
-
45
90
nC
VR=40V,IF=25A,diF/dt=100A/µs
1) See
″Gate charge waveforms″ for parameter definition
2) Defined by design. Not subject to production test.


Similar Part No. - BSC117N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
398Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.4 2013-05-21
BSC110N06NS3G INFINEON-BSC110N06NS3G_13 Datasheet
398Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.4 2013-05-21
BSC110N15NS5 INFINEON-BSC110N15NS5 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-06-09
BSC110N15NS5SC INFINEON-BSC110N15NS5SC Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.1, 2022-10-07
More results

Similar Description - BSC117N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N10NS5 INFINEON-BSC040N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.1,2015-01-07
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1,2014-06-19
BSC035N10NS5 INFINEON-BSC035N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N08NS5 INFINEON-BSC040N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC072N08NS5 INFINEON-BSC072N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC037N08NS5 INFINEON-BSC037N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
IPA060N06N INFINEON-IPA060N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1
BSC030N08NS5 INFINEON-BSC030N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.2,2014-11-10
IPA029N06N INFINEON-IPA029N06N Datasheet
1Mb / 11P
   Superior thermal resistance
BSC052N08NS5 INFINEON-BSC052N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com