Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_324 Datasheet(PDF) 7 Page - Glenair, Inc.

Part # 050_324
Description  PRODUCT BRIEF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_324 Datasheet(HTML) 7 Page - Glenair, Inc.

Back Button 050_324 Datasheet HTML 3Page - Glenair, Inc. 050_324 Datasheet HTML 4Page - Glenair, Inc. 050_324 Datasheet HTML 5Page - Glenair, Inc. 050_324 Datasheet HTML 6Page - Glenair, Inc. 050_324 Datasheet HTML 7Page - Glenair, Inc. 050_324 Datasheet HTML 8Page - Glenair, Inc. 050_324 Datasheet HTML 9Page - Glenair, Inc. 050_324 Datasheet HTML 10Page - Glenair, Inc. 050_324 Datasheet HTML 11Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 7 of 15
E-mail: sales@glenair.com
050-324 Product Brief
PCB Mount Transceiver for Single Mode Fiber
100 Mbps – 2.5 Gbps, 3.3V
Eye Safety Circuit
The Transmitter section provides Class 1 eye safety by design and is compliant with US FDA CDRH AEL Class 1 and
EN(IEC) 60825-1,2, EN60950 Class 1. The eye safety circuit continuously monitors optical output power levels and will
disable the transmitter and assert a TX_FAULT signal upon detecting an unsafe condition. Such unsafe conditions can be
created by inputs from the host board (Vcc fluctuation, unbalanced code) or faults within the module.
RECEIVER SECTION
Receiver Loss of Signal (LOS)
The Loss Of Signal (LOS) output indicates an unusable optical input power level. The post-amplification IC includes
transition detection circuitry which monitors the ac level of incoming optical signals and provides a TTL/CMOS compatible
status signal to the host. A low LOS logic level indicates the presence of an optical input while a high LOS logic level
indicates an unusable optical input. The LOS thresholds are factory-set so that a high output indicates a definite optical
fault has occurred (e.g. failed transmitter, broken or disconnected fiber connection to the transceiver, etc.). The LOS can
also be monitored via the 2-wire serial interface (address A2h, byte 110, bit 1).
FUNCTIONAL I/O
The PCB mount transceiver accepts industry standard differential signals such as LVPECL and CML within the scope of
the SFP MSA. To simplify board requirements, transmitter bias resistors and ac coupling capacitors are incorporated, per
SFF-8074i, and hence are not required on the host board. The module is AC-coupled and internally terminated.
Figure 3 illustrates a recommended interface circuit to link the PCB mount transceiver to the supporting Physical Layer
integrated circuits.
The PCB mount transceiver interfaces with the host circuit board through twenty I/O pins identified by function in Table 7.
The transceiver high speed transmit and receive interfaces requires SFP MSA compliant signal lines on the host board.
The Tx_Disable, Tx_Fault, and Rx_LOS lines require TTL lines on the host board (per SFF-8074i) if used. If an
application chooses not to take advantage of the functionality of these pins, TX_Disable need to be tied to GND, TX_Fault
and RX_LOS do not need to be connected.
Digital Diagnostic Interface and Serial Identification (EEPROM)
The PCB mount transceiver is compatible with the SFF-8074i SFP specification and with SFF-8472, the SFP specification
for Digital Diagnostic Monitoring Interface. Both specifications can be found at http://www.sffcommittee.org.


Similar Part No. - 050_324

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
logo
ITT Industries
050-324-7308229 ITT-050-324-7308229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-324-7309229 ITT-050-324-7309229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050_324

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
logo
List of Unclassifed Man...
BMD101 ETC-BMD101 Datasheet
933Kb / 14P
   BMD101 Product Brief
June 11, 2012 Rev 0.9.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com