Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL303SPE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSL303SPE
Description  Avalanche rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL303SPE Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSL303SPE Datasheet HTML 1Page - Infineon Technologies AG BSL303SPE Datasheet HTML 2Page - Infineon Technologies AG BSL303SPE Datasheet HTML 3Page - Infineon Technologies AG BSL303SPE Datasheet HTML 4Page - Infineon Technologies AG BSL303SPE Datasheet HTML 5Page - Infineon Technologies AG BSL303SPE Datasheet HTML 6Page - Infineon Technologies AG BSL303SPE Datasheet HTML 7Page - Infineon Technologies AG BSL303SPE Datasheet HTML 8Page - Infineon Technologies AG BSL303SPE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BSL303SPE
OptiMOS™-P 3 Small-Signal-Transistor
Features
• P-channel
• Enhancement mode
• Logic level (4.5V rated)
• ESD protected
• Avalanche rated
• Qualified according to AEC Q101
• 100% Lead-free; RoHS compliant, halogen free
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
-6.3
A
T A=70 °C
-5.0
Pulsed drain current
I D,pulse
T A=25 °C
-25.2
Avalanche energy, single pulse
E AS
I D=-6.3A, R GS=25 
30.0
mJ
Reverse diode dv /dt
dv /dt
I D=-6.3 A, V DS=-15 V,
di /dt =100 A/µs,
T j,max=150 °C
6kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
ESD Class
JESD22-A114 -HBM
2 (2KV to 4kV)
V
Soldering Temperature
260 °C
°C
IEC climatic category; DIN IEC 68-1
55/150/56
°C
Value
2.0
PG-TSOP-6
V
DS
-30
V
R
DS(on),max
V
GS=-10 V
33
m
V
GS=-4.5 V
52
I
D
-6.3
A
Product Summary
5
6
1
2
3
4
Type
Package
Tape and Reel Information
Marking
Hal. Free
Packing
BSL303SPE
PG-TSOP-6
H6327: 3000 pcs/ reel
sPV
Yes
Non dry
Rev 2.0
page 1
2014-11-18


Similar Part No. - BSL303SPE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL302SN INFINEON-BSL302SN Datasheet
185Kb / 9P
   OptiMOS2 Small-Signal-Transistor
1.06 2010-03-26
BSL302SN INFINEON-BSL302SN Datasheet
349Kb / 9P
   OptiMOS2 Small-Signal-Transistor
2.0 2014-01-09
logo
VBsemi Electronics Co.,...
BSL302SN VBSEMI-BSL302SN Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Infineon Technologies A...
BSL302SN INFINEON-BSL302SN_14 Datasheet
349Kb / 9P
   OptiMOS2 Small-Signal-Transistor
2.0 2014-01-09
BSL305SPE INFINEON-BSL305SPE Datasheet
443Kb / 10P
   Enhancement mode
Rev 2.0 2014-11-18
More results

Similar Description - BSL303SPE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
   Avalanche rated
Rev 2.0 2014-09-30
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
281Kb / 11P
   Avalanche rated
March 2007 Rev 2
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
   Repetitive avalanche rated
12 February 2013
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
Micross Components
FFH75H60S MICROSS-FFH75H60S Datasheet
700Kb / 3P
   Avalanche Energy Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
IRFL9014 KERSEMI-IRFL9014 Datasheet
790Kb / 8P
   Repetitive Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com