Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF68 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Page 9
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
4.2. Mode Selection Flowchart
Circuit Start-up
Wait T_Start
Logic ‘0’
Check
CTRL Pin
Logic ‘1’
Power & Go 1
868.3 MHz
FSK, Fdev=+/-19.2kHz
+10dBm
Power & Go 2
433.92 MHz
OOK
+10dBm
CTRL Clock signal
Advanced Mode Full
register flexibility Automatic
or forced Transmit
Figure 4. RF68 Mode Selection
Note
Advanced mode is entered only if DATA is held low during CTRL’s rising edge.
When powering up the circuit (microcontroller and RF68), the logic level of the CTRL pin is sampled after T_START, as
described on Figure 5. During T_START, the microcontroller IO driving the CTRL pin must be configured as an output,
driving the CTRL pin to the desired state.
Figure 5. Power-up Timing


Similar Part No. - RF68

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
RF Micro Devices
RF6886 RFMD-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF6886PCK-410 RFMD-RF6886PCK-410 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
RF6886PCK-411 RFMD-RF6886PCK-411 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF68

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
Semtech Corporation
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
   SX1242 - Low Cost Integrated Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
Semtech Corporation
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
HOPE Microelectronics C...
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com