Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_332 Datasheet(PDF) 7 Page - Glenair, Inc.

Part # 050_332
Description  SMPTE HD-SDI AND 3G-SDI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_332 Datasheet(HTML) 7 Page - Glenair, Inc.

Back Button 050_332 Datasheet HTML 3Page - Glenair, Inc. 050_332 Datasheet HTML 4Page - Glenair, Inc. 050_332 Datasheet HTML 5Page - Glenair, Inc. 050_332 Datasheet HTML 6Page - Glenair, Inc. 050_332 Datasheet HTML 7Page - Glenair, Inc. 050_332 Datasheet HTML 8Page - Glenair, Inc. 050_332 Datasheet HTML 9Page - Glenair, Inc. 050_332 Datasheet HTML 10Page - Glenair, Inc. 050_332 Datasheet HTML 11Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 7 of 16
E-mail: sales@glenair.com
050-332 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, MMF, 3.3V
FUNCTIONAL DESCRIPTION
RECEIVER SECTION
Receiver Loss of Signal (LOS)
The Loss Of Signal (LOS) output indicates an unusable optical input power level. The post-amplification IC includes
transition detection circuitry which monitors the ac level of incoming optical signals and provides a TTL/CMOS compatible
status signal to the host. A low LOS logic level indicates the presence of an optical input while a high LOS logic level
indicates an unusable optical input. The LOS thresholds are factory-set so that a high output indicates a definite optical
fault has occurred (e.g. failed transmitter, broken or disconnected fiber connection to the PCB Mount Module, etc.). The
LOS can also be monitored via the 2-wire serial interface (address A2h and A4h, byte 110, bit 1).
Figure 2
PCB mount Dual-Receiver Block Diagram


Similar Part No. - 050_332

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
More results

Similar Description - 050_332

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-357 GLENAIR-050-357 Datasheet
501Kb / 15P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com