Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_332 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050_332
Description  SMPTE HD-SDI AND 3G-SDI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_332 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050_332 Datasheet HTML 6Page - Glenair, Inc. 050_332 Datasheet HTML 7Page - Glenair, Inc. 050_332 Datasheet HTML 8Page - Glenair, Inc. 050_332 Datasheet HTML 9Page - Glenair, Inc. 050_332 Datasheet HTML 10Page - Glenair, Inc. 050_332 Datasheet HTML 11Page - Glenair, Inc. 050_332 Datasheet HTML 12Page - Glenair, Inc. 050_332 Datasheet HTML 13Page - Glenair, Inc. 050_332 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 16
E-mail: sales@glenair.com
050-332 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, MMF, 3.3V
Compliance Prediction
Compliance prediction is the ability to determine if an optical Dual-Receiver is operating within its operating and
environmental requirements. The PCB mount Dual-Receiver provides real-time access to its internal supply voltage and
temperature, allowing a host to identify potential component compliance issues. Received optical power is also available
to assess compliance of fiber cable plant and remote transmitter. When operating out of requirements, the link cannot
guarantee error free transmission.
Fault Isolation
The fault isolation feature allows a host to quickly pinpoint the location of a link failure, minimizing downtime. For optical
links, the ability to identify a fault at a local device, remote device or cable plant is crucial to speeding service of an
installation. PCB mount Dual-Receiver real-time monitors of Vcc, Temperature and Rx_Power can be used to assess
local Dual-Receiver current operating conditions. In addition, status flag Rx Loss of Signal (LOS) is mirrored in memory
and available via the two-wire serial interface.
Component Monitoring
Component evaluation is another use of the PCB mount Dual-Receiver real-time monitors of Vcc, Temperature and
Rx_Power. Potential uses are as debugging aids for system installation and design, and Dual-Receiver parametric
evaluation for factory or field qualification. For example, temperature per module can be observed in high density
applications to facilitate thermal evaluation of systems that incorporate this PCB mount Dual-Receiver


Similar Part No. - 050_332

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
More results

Similar Description - 050_332

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-357 GLENAIR-050-357 Datasheet
501Kb / 15P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com