Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF83 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
-10-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
12.Functional Diagram
Figure 1. Block Diagram
13.Applications Information and Functional Description
Refer to figure 1 “Block Diagram”. Identified in the block diagram are the four sections of the IC:
UHF Downconverter, OOK Demodulator, Reference and Control, and Wakeup. Also shown in the
figure are two capacitors (CTH, CAGC) and one timing component, usually a crystal or ceramic
resonator. With the exception of a supply decoupling capacitor, and antenna impedance matching
network, these are the only external components needed by the RF83/RF83C to assemble a
complete UHF receiver.
For optimal performance is highly recommended that the RF83/RF83C is impedance matched to
the antenna, the matching network will add an additional two or three components.
For RF83, Four control inputs are shown in the block diagram: SEL0, SEL1, SWEN, and SHUT.
Using these logic inputs, the user can control the operating mode and selectable features of
the IC. These inputs are CMOS compatible, and are internally pulled-up. IF Bandpass Filter Roll-
off response of the IF Filter is 5th order, while the demodulator data filter exhibits a 2nd order
response.
13.1. Design Steps
The following steps are the basic design steps for using the RF83/RF83C receiver:
1) Select the operating mode (sweep or fixed, For RF83)
2) Select the reference oscillator
3) Select the CTH capacitor
4) Select the CAGC capacitor
5) Select the demodulator filter bandwidth


Similar Part No. - RF83

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RF8 NICHICON-RF8 Datasheet
687Kb / 2P
   Low ESR / ESL, Low Profile
logo
Adam Technologies, Inc.
RF8-500-2 ADAM-TECH-RF8-500-2 Datasheet
68Kb / 1P
   TNC JACK PANEL 2 HOLES FOR PCB
RF8-500-3 ADAM-TECH-RF8-500-3 Datasheet
68Kb / 1P
   TNC JACK PANEL 2 HOLES FOR PCB
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
RF800-SO RFSOLUTIONS-RF800-SO Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
More results

Similar Description - RF83

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
   300-440MHz QwikRadio짰 ASK Receiver
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002_03 Datasheet
180Kb / 16P
   300-440MHz QwikRadio?줐SK Receiver
logo
Princeton Technology Co...
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
   Ultra-Low Power OOK/ASK Receiver
logo
List of Unclassifed Man...
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
   ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
   433/868/915MHZ ASK/OOK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com