Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1237 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1237
Description  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1237 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1237 Datasheet HTML 2Page - Microchip Technology TC1237 Datasheet HTML 3Page - Microchip Technology TC1237 Datasheet HTML 4Page - Microchip Technology TC1237 Datasheet HTML 5Page - Microchip Technology TC1237 Datasheet HTML 6Page - Microchip Technology TC1237 Datasheet HTML 7Page - Microchip Technology TC1237 Datasheet HTML 8Page - Microchip Technology TC1237 Datasheet HTML 9Page - Microchip Technology TC1237 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Inverting Dual (–VIN, –2VIN)
Charge Pump Voltage Converters
with Shutdown
TC1235
TC1236
TC1237
TC1235/6/7-1 3/24/00
© 2001 Microchip Technology Inc.
DS21371A
PIN 1
PIN 1
Component Taping Orientation for 10-Pin MSOP Devices
User Direction of Feed
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
Reverse Reel Component Orientation
for RT Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
10-Pin MSOP
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
TAPING FORM
TYPICAL RIPPLE WAVEFORMS
Out 1 Turn
Off Time
10% to 90%
7.53ms
Shutdown
Input
V
OUT 1
V
OUT 2
Conditions:
C1, C
OUT 1 = 3.3µf
HORIZ = 10ms/DIV
TC1235 TURN OFF TIME
Output 2
Off Time
10% to 90%
32.86ms
1V/DIV
2V/DIV
5V/DIV
Shutdown
Input
V
OUT 1
V
OUT 2
HORIZ = 500
µs/DIV
TC1235 WAKE-UP TIME FROM SHUTDOWN
Output 1
Wake-Up Time
90% to 10%
669
µs
1V/DIV
2V/DIV
Output 2
Wake-Up Time
90% to 10%
754
µs
5V/DIV
,C2, C
OUT 2 = 1µf
,V
IN = 5V
Conditions:
C1, C
OUT 1 = 3.3µf
,C2, C
OUT 2 = 1µf
,V
IN = 5V


Similar Part No. - TC1237

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
TC1232 MICROCHIP-TC1232 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
logo
TelCom Semiconductor, I...
TC1232COA TELCOM-TC1232COA Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232COA MICROCHIP-TC1232COA Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
More results

Similar Description - TC1237

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Microchip Technology
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com