Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM23BP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RFM23BP
Description  ISM TRANSCEIVER MODULE
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM23BP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RFM23BP Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
11
RFM23BP
2. Functional Description
HopeRF's RFM23BP are highly integrated,low cost,433/868/915MHz wireless ISM transceivers module .
The wide operating voltage range of 3.3–6V and low current consumption makes theRFM23BP
an ideal solution for battery powered applications.
The RFM23BP operates as a time division duplexing (TDD) transceiver where the device alternately transmits
and receives data packets. The device uses a single-conversion mixer to downconvert the 2-level FSK/GFSK/OOK
modulated receive signal to a low IF frequency. Following a programmable gain amplifier (PGA) the signal is
converted to the digital domain by a high performance
ΔΣ ADC allowing filtering, demodulation, slicing, and packet
handling to be performed in the built-in DSP increasing the receiver’s performance and flexibility versus analog
based architectures. The demodulated signal is then output to the system MCU through a programmable GPIO or
via the standard SPI bus by reading the 64-byte RX FIFO.
A single high precision local oscillator (LO) is used for both transmit and receive modes since the transmitter and
receiver do not operate at the same time. The LO is generated by an integrated VCO and
ΔΣ Fractional-N PLL
synthesizer. The synthesizer is designed to support configurable data rates, output frequency and frequency
deviation at 433MHz,868MHz,915MHz band. The transmit FSK data is modulated directly into the
ΔΣ data
stream and can be shaped by a Gaussian low-pass filter to reduce unwanted spectral content.
The RFM23BP PA output power can be configured between +10 and +30 dBm ,. The RFM23BP supports
frequency hopping, TX/RX switch control, and antenna diversity switch control to extend the link range and
improve performance The RFM23BP is designed to work with a microcontroller to create a very low cost
system as shown Figure 1. Voltage regula tors are integrated on-chip which allows for a wide operating
supply voltage range from +3.3to +6 V. A standard 4-pin SPI bus is used to communicate with an external
microcontroller. Three configurable general purpose I/Os are available. A complete list of the available GPIO
functions is shown in
"8. Auxiliary Functions"and includes microcontroller clock output, Antenna Diversity, POR, and various interrupts.


Similar Part No. - RFM23BP

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM23BP HOPE-RFM23BP Datasheet
609Kb / 62P
   ISM TRANSCEIVER MODULE
More results

Similar Description - RFM23BP

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM23BP HOPE-RFM23BP Datasheet
609Kb / 62P
   ISM TRANSCEIVER MODULE
RFM64B HOPE-RFM64B Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
RFM69CW HOPE-RFM69CW Datasheet
1Mb / 78P
   ISM TRANSCEIVER MODULE
RFM69HCW HOPE-RFM69HCW Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM69HCW-315S2 ETC2-RFM69HCW-315S2 Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
HOPE Microelectronics C...
RFM26W HOPE-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
RFM64W HOPE-RFM64W Datasheet
1Mb / 75P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM26W ETC2-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
logo
HOPE Microelectronics C...
RFM63W HOPE-RFM63W Datasheet
1Mb / 90P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM24W ETC2-RFM24W Datasheet
590Kb / 34P
   ISM Transceiver module
RFM64B ETC2-RFM64B Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com