Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM63B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM63B
Description  ISM TRANSCEIVER MODULE V1.1
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM63B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM63B Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM63B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
RFM63B
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Page 1 of 91
R F M 6 3 B IS M T R AN S C E I V E R M O D U L E
V1.1
ADVANCED COMMUNICATIONS & SENSING
General Description
The RFM63B is a low cost transceiver module
operating in the 868 and 915MHz frequency bands,
The RFM63B is optimized for very low power
consumption (3mA in receiver mode). It incorporates a
baseband modem with data rates up to 200 kb/s. Data
handling features include a sixty-four byte FIFO,
packet handling, automatic CRC generation and data
whitening.
All major RF communication parameters are
programmable and most of them may be dynamically
set. It complies with European (ETSI EN 300-220
V2.1.1) and North American (FCC part 15.247 and
15.249) regulatory standards.
(Note:RFM63B for No SAW filter module,
Application transmit function can't meet the FCC/CE
standard requirements)
Features
Low Rx power consumption: 3mA
Low Tx power consumption: 25 mA @ +10 dBm
Good reception sensitivity: down to -105 dBm at
25 kb/s in FSK, -111 dBm at 2kb/s in OOK
Programmable RF output power: up to +12 dBm in
8 steps
Packet handling feature with data whitening and
automatic CRC generation
Wide RSSI (Received Signal Strength Indicator)
dynamic range, 70dB from Rx noise floor
Bit rates up to 200 kb/s, NRZ coding
On-chip frequency synthesizer
FSK and OOK modulation
Incoming sync word recognition
Built-in Bit-Synchronizer for incoming data and
clock synchronization and recovery
Module Size: 19.7X16mm
Optimized
Circuit
Configuration
for
Low-cost
applications
Applications
Wireless alarm and security systems
Wireless sensor networks
Automated Meter Reading
Home and building automation
Industrial monitoring and control
Remote Wireless Control
RFM63B
In order to better use RFM63B modules, this
specification also involves a large number of the
parameters and functions of its core chip RF63's,
including those IC pins which are not leaded out. All
of these can help customers gain a better
understanding of the performance of RFM63B
modules, and enhance the application skills.


Similar Part No. - RFM63B

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM63B HOPE-RFM63B Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE
RFM63B-868S2 HOPE-RFM63B-868S2 Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE
RFM63B-915S2 HOPE-RFM63B-915S2 Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE
More results

Similar Description - RFM63B

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM23BP HOPE-RFM23BP Datasheet
609Kb / 62P
   ISM TRANSCEIVER MODULE
RFM64B HOPE-RFM64B Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
RFM69CW HOPE-RFM69CW Datasheet
1Mb / 78P
   ISM TRANSCEIVER MODULE
RFM69HCW HOPE-RFM69HCW Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM69HCW-315S2 ETC2-RFM69HCW-315S2 Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
HOPE Microelectronics C...
RFM26W HOPE-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
RFM64W HOPE-RFM64W Datasheet
1Mb / 75P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM26W ETC2-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
logo
HOPE Microelectronics C...
RFM63W HOPE-RFM63W Datasheet
1Mb / 90P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM24W ETC2-RFM24W Datasheet
590Kb / 34P
   ISM Transceiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com