Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM64B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM64B
Description  ISM TRANSCEIVER MODULE
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM64B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM64B Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM64B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 7 of 75
RFM 64B
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1.3. Pin Description
Table 2: RFM64B Pinouts
Number
Name
Type
Description
Description Stand Alone Mode
1
POR
I/O
POR. Do not connect if unused
2
NSS_CONFIG
I
SPI CONFIG enable
3
NSS_DATA
I
SPI DATA enable
4
MISO
O
SPI data output
5
MOSI
I
SPI data input
6
SCK
I
SPI clock input
7
CLKOUT
O
Clock output
8
3.3V
I
Supply voltage
9
GND
I
Exposed ground pad
10
GND
I
Exposed ground pad
11
ANA
I/O
RF input/output
12
GND
I
Exposed ground pad
13
DATA
I/O
NRZ data input and output (Continuous mode)
14
PLL_LOCK
O
PLL lock detection output
15
IRQ_1
O
Interrupt output
16
IRQ_0
O
Interrupt output


Similar Part No. - RFM64B

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM64B HOPE-RFM64B Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
RFM64B-433S2 HOPE-RFM64B-433S2 Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
More results

Similar Description - RFM64B

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM23BP HOPE-RFM23BP Datasheet
609Kb / 62P
   ISM TRANSCEIVER MODULE
RFM64B HOPE-RFM64B Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
RFM69CW HOPE-RFM69CW Datasheet
1Mb / 78P
   ISM TRANSCEIVER MODULE
RFM69HCW HOPE-RFM69HCW Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM69HCW-315S2 ETC2-RFM69HCW-315S2 Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
HOPE Microelectronics C...
RFM26W HOPE-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
RFM64W HOPE-RFM64W Datasheet
1Mb / 75P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM26W ETC2-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
logo
HOPE Microelectronics C...
RFM63W HOPE-RFM63W Datasheet
1Mb / 90P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM24W ETC2-RFM24W Datasheet
590Kb / 34P
   ISM Transceiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com