Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM113W-315S1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RFM113W-315S1
Description  Low-Cost Consumer Electronics Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM113W-315S1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RFM113W-315S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM113W-315S1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RFM113W
E‐mail:sales@hoperf.com        website://www.hoperf.com                                    Rev 1.0 | Page 11/21
Table 9. Modulation, Frequency and Symbol Rate
Parameter
Value
Unit
Modulation
(G)FSK/OOK
-
Frequency
240 to 480
MHz
Deviation
1 to 200
kHz
Frequency Resolution
<198
Hz
(G)FSK Symbol Rate
0.5 to 100
ksps
OOK Symbol Rate
0.5 to 30
ksps
5.3 Embedded EEPROM and RFPDK
The RFPDK (RF Products Development Kit) is a very user-friendly software tool delivered for the user configuring the
RFM113W in the most intuitional way. The user only needs to fill in/select the proper value of each parameter and click the
“Burn” button to complete the chip configuration. No register access and control is required in the application program. See the
figure below for the accessing of the EEPROM and Table 10 for the summary of all the configurable parameters of the
RFM113W in the RFPDK.
RFM113W
RFPDK
EEPROM
Interface
CLK
DATA
CMOSTEK USB
Programmer
Figure 12. Accessing Embedded EEPROM
For more details of the CMOSTEK USB Programmer and the RFPDK, please refer to “AN103 CMT211xA-221xA One-Way RF
Link Development Kits Users Guide”. For the detail of RFM113W configurations with the RFPDK, please refer to “AN122
RFM113W Configuration Guideline”.


Similar Part No. - RFM113W-315S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM110 HOPE-RFM110 Datasheet
682Kb / 18P
   Embedded EEPROM
logo
List of Unclassifed Man...
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
RFM110W-433S1 ETC2-RFM110W-433S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
logo
HOPE Microelectronics C...
RFM117 HOPE-RFM117 Datasheet
682Kb / 18P
   Embedded EEPROM
logo
List of Unclassifed Man...
RFM117W-868S1 ETC2-RFM117W-868S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
More results

Similar Description - RFM113W-315S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
RFM213W-315S1 ETC2-RFM213W-315S1 Datasheet
464Kb / 20P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com