Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM117W-868S1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RFM117W-868S1
Description  Low-Cost Consumer Electronics Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM117W-868S1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RFM117W-868S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM117W-868S1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
E‐mail:sales@hoperf.com        website://www.hoperf.com                                    Rev 1.0 | Page 
RFM110W/RFM117W
10/21
LDOs
POR
Bandgap
5. Functional Descriptions
VDD
GND
XTAL
XOSC
PFD/CP
Loop Filter
VCO
PA
RFO
Fractional-N
DIV
EEPROM
OOK Modulator
Ramp
Control
CLK
DATA
Interface and Digital Logic
5.1 Overview
Figure 11. RFM110W/RFM117W Functional Block Diagram
The RFM110W/RFM117W is an ultra low-cost, highly flexible, high performance, single-chip OOK transmitter for various 240 to
960
MHz wireless applications. The RFM110W covers the frequency range from 240 to 480 MHz while the CMT2117 covers the
240 to 960 MHz frequency range. They are part of the CMOSTEK NextGenRFTM family, which includes a complete line of
transmitters, receivers and transceivers. The chip is optimized for the low system cost, low power consumption, battery
powered application with its highly integrated and low power design.
The functional block diagram of the RFM110W/RFM117W is shown in the figure above. The RFM110W/RFM117W is
based on direct synthesis of the RF frequency, and the frequency is generated by a low-noise fractional-N frequency
synthesizer. It uses a
1-pin crystal oscillator circuit with the required crystal load capacitance integrated on-chip to minimize the number of external
components. Every analog block is calibrated on each Power-on Reset (POR) to the highly accurate reference voltage
internally. The calibration can help the chip to finely work under different temperatures and supply voltages. The
RFM110W/RFM117W uses the DATA pin for the host MCU to send in the data. The input data will be modulated and sent
out by a highly efficient PA which output power can be configured from -10 to +13 dBm in 1 dB step size. RF Frequency, PA
output power and other product features can be programmed into the embedded EEPROM by the RFPDK and USB
Programmer. This saves the cost and simplifies the product development and manufacturing effort. Alternatively, in stock
products of
433.92/868.35 MHz are available for immediate demands with no need of EEPROM programming. The RFM110W/RFM117W
operates from 1.8 to 3.6 V so that it can finely work with most batteries to their useful power limits. Working under 3.3 V supply
voltage when transmitting signal at +10 dBm power, it only consumes 13.4 mA at 433.92 MHz and 15.5 mA at 868.35 MHz.
5.2 Modulation, Frequency and Symbol Rate
The RFM110W/RFM117W supports OOK modulation with the symbol rate up to 30 ksps. The RFM110W covers the frequency
range from 240 to 480 MHz, while the RFM117W covers the frequency range from 240 to 960 MHz, including the license free
ISM frequency band around 315 MHz, 433.92 MHz, 868.35 MHz and 915 MHz. The device contains a high spectrum purity
low power fractional-N frequency synthesizer with output frequency resolution better than 198 Hz when the frequency is lower
than
480 MHz, and the frequency resolution is 397 Hz when the frequency is higher than 480 MHz. See the table below for the


Similar Part No. - RFM117W-868S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM117 HOPE-RFM117 Datasheet
682Kb / 18P
   Embedded EEPROM
More results

Similar Description - RFM117W-868S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
RFM213W-315S1 ETC2-RFM213W-315S1 Datasheet
464Kb / 20P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com