Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM213W-433S1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM213W-433S1
Description  Low-Cost Consumer Electronics Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM213W-433S1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM213W-433S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
RFM213W
E‐mail:sales@hoperf.com        website://www.hoperf.com                                    Rev 1.0 | Page 7/21
2. Pin Descriptions
        
                                      
 
Figure 2. Pin Diagram
Table 6. RFM213W Pin Descriptions
Pin Number
Name
I/O
Descriptions
1
GND
I
Ground
2
DATA
O
Received data output
3
VDD
I
Power supply input
4
CLK
I
3-wire SPI clock input for EEPROM programming
5
SDA
I/O
3-wire SPI data input and output for EEPROM
programming
6
CSB
I
3-wire SPI chip select input for EEPROM
programming I
7
GND
I
Ground
8
ANT
I
RF signal input to the LNA
9
GND
I
Ground
10
GND
I
Ground
Rev 1.0 | Page 7 / 20


Similar Part No. - RFM213W-433S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210LCF HOPE-RFM210LCF Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315D HOPE-RFM210LCF-315D Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315D-A HOPE-RFM210LCF-315D-A Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315S1 HOPE-RFM210LCF-315S1 Datasheet
258Kb / 3P
   Wireless Receiver Module
RFM210LCF-433D HOPE-RFM210LCF-433D Datasheet
677Kb / 5P
   Wireless Receiver Module
More results

Similar Description - RFM213W-433S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com