Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1267 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1267 Datasheet HTML 2Page - Microchip Technology TC1267 Datasheet HTML 3Page - Microchip Technology TC1267 Datasheet HTML 4Page - Microchip Technology TC1267 Datasheet HTML 5Page - Microchip Technology TC1267 Datasheet HTML 6Page - Microchip Technology TC1267 Datasheet HTML 7Page - Microchip Technology TC1267 Datasheet HTML 8Page - Microchip Technology TC1267 Datasheet HTML 9Page - Microchip Technology TC1267 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC1267
DS21378B-page 6
© 2002 Microchip Technology Inc.
FIGURE 4-1:
5V DETECT THRESHOLD
FIGURE 4-2:
TIMING DIAGRAM
NOTE: VIN rise and fall times (10% to 90%) to be ≥ 100µsec.
DR
VIN
3.65V
2.0V
4.4V
2.0V
VTH(HI)
VHYST
VTH(LO)
DR
VIN
2.0V
4.4V
2.0V
NOTE: VIN rise and fall times (10% to 90%) to be ≤ 0.1µsec.
3.65V
tDH
tDL


Similar Part No. - TC1267

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC1267 CDE-TC1267 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC1267VET MICROCHIP-TC1267VET Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
More results

Similar Description - TC1267

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
Global Mixed-mode Techn...
G9161 GMT-G9161 Datasheet
411Kb / 15P
   400mA High PSRR, LDO Regulators
G9161 GMT-G9161_15 Datasheet
69Kb / 1P
   400mA High PSRR, LDO Regulators
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com