Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM83CL-315D-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM83CL-315D-C
Description  ASK/OOK Super-heterodyne receiver module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM83CL-315D-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM83CL-315D-C Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM83CL-315D-C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RFM83C/83CL V3.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
RFM83C/83CL Series ASK/OOK Super-heterodyne receiver module
1. General Information
RFM83C/83CL series module are low cost super-
heterodyne receiver module based on RF83C/CL
chip, working at frequency 315Mhz and
433.92Mhz(We can customize other frequency
300Mhz and 440Mhz). The operating voltage is
2.1V-3.6V(RFM83CL) and 3.6V-5.5V(RFMC83).
There are 5 pin out shapes for options:
standard shape, Shape A, Shape B, Shape C
and Shape D. The standard shape has
Enable(SHUT)function, which enable module to
switch between work status and sleep status,
other shape modules don
’t have this function.
This module features stable RF performance,
low power consumption, high sensibility,
cost-effective, widely applied in various
types of data transmission system.
This datasheet only describes the basic functions and
Electrical Characteristics of the module. For more
details , please refer to the RF83C chip datasheet .
Standard shape SMD
Standard Shape DIP
Shape A DIP
Shape B DIP
Shape C DIP
Shape D DIP
2. Main Features
 Low cost, low power consumption, Cost-effective
 Transmission Data Rate: 0.3-2.5KHz
 The operating voltage: RFM83C :3.6V-5.5V
RFM83CL:2.1V-3.6V
 The operating current: 3mA@RFM83C 315MHz
 Sleep current: ≤0.9uA
 Sensibility:-108dBm
 The operating frequency:315MHZ,433.92MHZ
 SMD(only for standard shape module) and DIP Package
3. Applications
Wireless data transmission
 Home Automation
 Remote Alarm System
4. Pin definition
1


Similar Part No. - RFM83CL-315D-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
More results

Similar Description - RFM83CL-315D-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
   Low Power Super-heterodyne OOK/ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
   300~440MHz ASK/OOK Receiver
logo
Princeton Technology Co...
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
   Ultra-Low Power OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com