Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1305 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 4 Page - Microchip Technology

  TC1305 Datasheet HTML 1Page - Microchip Technology TC1305 Datasheet HTML 2Page - Microchip Technology TC1305 Datasheet HTML 3Page - Microchip Technology TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1305
DS21526A-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(10-Pin MSOP)
Symbol
Description
1VDET
Detected input voltage. VDET and VIN can be connected together.
2VIN
Power supply input.
3
GND
Ground terminal.
4
SELECT
Tri-state input for setting VOUT1 and VOUT2. SELECT = GND for VOUT1 =VOUT2 =2.5V,
SELECT = VIN for VOUT1 =VOUT2 = 3.0V and SELECT = No connect for VOUT1 =VOUT2 =2.8V.
5
SHDN1
Shutdown control input for VOUT1. Regulator 1 is fully enabled when a logic high is applied to
this input. Regulator 1 enters shutdown when a logic low is applied to this input. During
shutdown, regulator output voltage falls to zero, RESET output remains valid.
6
SHDN2
Shutdown control input for VOUT2. Regulator 2 is fully enabled when a logic high is applied to
this input. Regulator 2 enters shutdown when a logic low is applied to this input. During
shutdown, regulator output voltage falls to zero, RESET output remains valid.
7
Bypass
Reference bypass input. Connecting a 0.01
µF to this input further reduces output noise.
8VOUT1
Regulated voltage output 1.
9VOUT2
Regulated voltage output 2.
10
RESET
RESET Output. RESET =Low when VDET is below the Reset Threshold Voltage.
RESET = HighwhenVDET is above the Reset Threshold Voltage.


Similar Part No. - TC1305

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Microchip Technology
TC1300VUA MICROCHIP-TC1300VUA Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC1305

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
   Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
   Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
   Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
   150mA, 10V LDO with Shutdown
2002
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com