Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1305 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 5 Page - Microchip Technology

  TC1305 Datasheet HTML 1Page - Microchip Technology TC1305 Datasheet HTML 2Page - Microchip Technology TC1305 Datasheet HTML 3Page - Microchip Technology TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21526A-page 5
TC1305
3.0
DETAILED DESCRIPTION
The TC1305 is a precision fixed output voltage
regulator that contains two fully independent 150mA
regulator outputs. The device
features separate
shutdown modes for low-power operation, and a
common bypass pin that can be used to further reduce
output noise. The Select Modeoperation allows the
user to select VOUT1 and VOUT2 from three different
values (2.5V, 2.8V, 3.0V), therefore providing high
design flexibility. The CMOS construction of the
TC1305 results to a very low supply current, which
does not increase with load changes. In addition, VOUT
remains stable and within regulation at no load
currents.
The TC1305 also features an integrated microproces-
sor supervisor that monitors power-up, power-down,
and brown-out conditions. The active low RESET
signal is asserted when the detected voltage VDET falls
below the reset voltage threshold (2.63V). The RESET
output remains low for 300msec (typical) after VDET
rises above the reset threshold. The RESET output of
the TC1305 is ensured valid down to VDET = 1V and is
optimized to reject fast transient glitches on the
monitored power supply line.
4.0
TYPICAL APPLICATIONS
4.1
Input and Output Capacitor
The TC1305 is stable with a wide range of capacitor
values and types. A capacitor with a minimum value of
1
µFfrom VOUT to Ground is required. The output
capacitor should have an effective series resistance
(ESR) of 0.1
Ω to 10Ω for a 1µF capacitor and 0.01Ω to
10
Ω for a 10µF capacitor. A 1µF capacitor should be
connected from the VIN to GND if there is more than 10
inches of wire between the regulator and the AC filter
capacitor, or if a battery is used as the power source.
Aluminum electrolytic or tantalum capacitor types can
be used. (Since many aluminum electrolytic capacitors
freeze at approximately -30°C, solid tantalums are
recommended for applications operating below -20°C).
When operating from sources other than batteries,
supply-noise rejection and transient response can be
improved by increasing the value of the input and
output capacitors and employing passive filtering
techniques.
4.2
Bypass Capacitor
A0.01
µF capacitor connected from the bypass input to
ground
reduces
noise
present
on
the
internal
reference, which in turn significantly reduces output
noise. If output noise is not a concern, this input may be
left unconnected.
Larger capacitor values may be used, but result in a
longer time period to rated output voltage when power
is initially applied.
4.3
Shutdown Mode
Applying a logic high to each of the shutdown pins turns
on the corresponding output. Each regulator enters
shutdown mode when a logic low is applied in the
corresponding input. During shutdown mode, the out-
put voltage falls to zero, and regulator supply current is
reducedto0.5
µA (max). If shutdown mode is not
necessary, the pins should be connected to VIN.


Similar Part No. - TC1305

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Microchip Technology
TC1300VUA MICROCHIP-TC1300VUA Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC1305

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
   Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
   Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
   Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
   150mA, 10V LDO with Shutdown
2002
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com