Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3992 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3992
Description  LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3992 Datasheet(HTML) 4 Page - Texas Instruments

  LP3992_15 Datasheet HTML 1Page - Texas Instruments LP3992_15 Datasheet HTML 2Page - Texas Instruments LP3992_15 Datasheet HTML 3Page - Texas Instruments LP3992_15 Datasheet HTML 4Page - Texas Instruments LP3992_15 Datasheet HTML 5Page - Texas Instruments LP3992_15 Datasheet HTML 6Page - Texas Instruments LP3992_15 Datasheet HTML 7Page - Texas Instruments LP3992_15 Datasheet HTML 8Page - Texas Instruments LP3992_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LP3992
SNVS192B – OCTOBER 2002 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics
Unless otherwise noted, VSD = 1.15, VIN = VOUT + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF.
Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
VIN
Input Voltage
1.9
5.2
V
ΔVOUT
Output Voltage Tolerance
Over full line and load regulation.
-90
+90
mV
Line Regulation Error
VIN = (VOUT(NOM) + 1.0V) to 5.2V,
-0.27
+0.27
%/V
IOUT = 1mA
Load Regulation Error
IOUT = 1mA to 30mA
100
220
µV/mA
ILOAD
Load Current
See (2) and (3)
0
µA
IQ
Quiescent Current
VSD = 1.15V, IOUT = 0mA
26
50
VSD = 1.15V, IOUT = 30mA
29
50
µA
VSD = 0.4V
0.003
1.5
ISC
Short Circuit Current Limit
See (4)
90
mA
PSRR
Power Supply Rejection Ratio
f = 1kHz, IOUT = 30mA
40
dB
f = 20kHz, IOUT = 30mA
30
EEN
Output noise Voltage (3)
BW = 10Hz to 1000kHz,
300
µVRMS
VIN = 4.2V
TSHUTDOWN
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
20
Enable Control Characteristics
ISD
Maximum Input Current at SD
VEN = 0.0V and VIN = 5.2V
0.001
µA
Input
VIL
Low Input Threshold
VIN = 1.8V to 5.2V
0.4
V
VIH
High Input Threshold
VIN = 1.8 to 5.2V
1.15
V
Timing Characteristics
TON1
Turn On Time (3)
50 to 85% of VOUT(NOM)
(5)
15
µS
TON2
To 95% Level (6)
40
TOFF1
Turn Off Time (3)
85 to 50% of VOUT(NOM)
(7)
15
µS
TOFF2
95 to 5% Level (8)
40
Transient
Line Transient Response |
δVOUT|
Trise = Tfall = 10µS
(3)
60
Response
mV
Load Transient Response |
δVOUT|
Trise = Tfall = 1µS
60
IOUT = 100µA to 5mA
(3)
(1)
All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or
correlated using Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the
electrical characteristics to process and temperature variations and applying statistical process control.
(2)
The device maintains the regulated output voltage without the load.
(3)
This electrical specification is guaranteed by design.
(4)
Short circuit current is measured on the input supply line at the point when the short circuit condition reduces the output voltage to 95%
of its nominal value.
(5)
Time for VOUT to rise from 50 to 85% of VOUT(nom). (Figure 2)
(6)
Time from VSD = 1.15V to VOUT = 95%(VOUT(nom)). (Figure 2)
(7)
Time for VOUT to fall from 85 to 50% of VOUT(nom). (Figure 2)
(8)
Time from VSD = 0.4V to VOUT = 5%(VOUT(nom). (Figure 2)
Output Capacitor, Recommended Specifications
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Co
Output Capacitor
Capacitance(1)
1.0
µF
ESR
5
500
m
(1)
Capacitor types recommended are X7R, Y5V, and Z5U. X7R tolerance is quoted as 15% over temperature.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP3992


Similar Part No. - LP3992_15

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3992-15B5F POWER-LP3992-15B5F Datasheet
734Kb / 9P
   300mA,Ultra-low noise, Small Package
More results

Similar Description - LP3992_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
   Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com