Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLG Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZLG
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLG Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZLG Datasheet HTML 1Page - RUBYCON CORPORATION ZLG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLG
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
16
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
25
35
33
4×7
230
0.48
1.6
47
5×7
350
0.26
0.86
100
6.3×7
480
0.15
0.50
150
5×11
405
0.15
0.50
330
6.3×11
760
0.065
0.19
560
8×11.5
1000
0.036
0.11
820
8×16
1250
0.028
0.083
1000
10×12.5
1430
0.027
0.070
1200
8×20
1600
0.020
0.056
1200
10×16
1820
0.020
0.056
1500
10×20
2180
0.014
0.033
1500
12.5×16
2200
0.018
0.033
2200
10×23
2360
0.013
0.030
3300
12.5×20
2480
0.013
0.030
3900
12.5×25
2900
0.012
0.024
22
4×7
230
0.49
1.6
33
5×7
350
0.26
0.86
47
5×7
350
0.26
0.86
100
6.3×7
480
0.15
0.50
100
5×11
405
0.15
0.50
220
6.3×11
760
0.065
0.19
470
8×11.5
1000
0.036
0.11
680
8×16
1250
0.028
0.083
680
10×12.5
1430
0.027
0.070
1000
8×20
1600
0.020
0.056
1000
10×16
1820
0.020
0.056
1200
10×20
2180
0.014
0.033
1200
12.5×16
2200
0.018
0.033
1500
10×23
2360
0.013
0.030
2200
12.5×20
2480
0.013
0.030
3300
12.5×25
2900
0.012
0.024
1000
10×20
2180
0.014
0.033
1000
12.5×16
2200
0.018
0.033
1200
10×23
2360
0.013
0.030
1500
12.5×20
2480
0.013
0.030
2200
12.5×25
2900
0.012
0.024
22
5×7
350
0.27
0.89
33
5×7
350
0.26
0.86
47
6.3×7
480
0.15
0.50
56
5×11
405
0.15
0.50
120
6.3×11
760
0.065
0.19
330
8×11.5
1000
0.036
0.11
470
8×16
1250
0.028
0.083
470
10×12.5
1430
0.027
0.070
680
8×20
1600
0.020
0.056
680
10×16
1820
0.020
0.056
10
4×7
230
0.52
1.7
22
5×7
350
0.27
0.89
33
6.3×7
480
0.16
0.53
47
6.3×7
480
0.15
0.50
47
5×11
405
0.15
0.50
100
6.3×11
760
0.065
0.19
220
8×11.5
1000
0.036
0.11
330
8×16
1250
0.028
0.083
330
10×12.5
1430
0.027
0.070
470
8×20
1600
0.020
0.056
470
10×16
1820
0.020
0.056
680
10×20
2180
0.014
0.033
680
12.5×16
2200
0.018
0.033
820
10×23
2360
0.013
0.030
1000
12.5×20
2480
0.013
0.030
1500
12.5×25
2900
0.012
0.024
4.7
4×7
230
0.64
2.1
10
5×7
350
0.33
1.1
22
6.3×7
480
0.17
0.56
33
6.3×7
480
0.16
0.53
33
5×11
405
0.15
0.50
56
6.3×11
760
0.065
0.19
150
8×11.5
1000
0.036
0.11
220
8×16
1250
0.028
0.083
220
10×12.5
1430
0.027
0.070
270
8×20
1600
0.020
0.056
330
10×16
1820
0.020
0.056
330
10×12.5
1330
0.039
0.014
470
10×20
2180
0.014
0.033
470
12.5×16
2200
0.018
0.033
560
10×23
2360
0.013
0.030
680
12.5×20
2480
0.013
0.030
1000
12.5×25
2900
0.012
0.024


Similar Part No. - ZLG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLG7290 ETC-ZLG7290 Datasheet
289Kb / 20P
   I2C LED
More results

Similar Description - ZLG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com