Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5996 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5996 Datasheet(HTML) 5 Page - Texas Instruments

  LP5996 Datasheet HTML 1Page - Texas Instruments LP5996 Datasheet HTML 2Page - Texas Instruments LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LP5996
www.ti.com
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
Electrical Characteristics
(1) (2) (continued)
Unless otherwise noted, VEN = 950mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
PSRR
Power Supply Rejection
f = 1kHz, IOUT = 1mA
LDO1
58
Ratio(5)
to 150mA
LDO2
70
CBYP = 10nF
dB
f = 20kHz, IOUT =
LDO1
45
1mA to 150mA
LDO2
60
CBYP = 10nF
en
Output noise Voltage(5)
BW = 10Hz to
VOUT = 0.8V
36
100kHz
µVRMS
VOUT = 3.3V
75
CBYP = 10nF
TSHUTDOWN
Thermal Shutdown
Temperature
160
°C
Hysteresis
20
Enable Control Characteristics
IEN
Input Current at VEN1 or VEN2
VEN = 0.0V
0.005
0.1
µA
VEN = 6V
2
5
VIL
Low Input Threshold
0.4
V
VIH
High Input Threshold
0.95
V
Timing Characteristics
TON
Turn On Time (5)
To 95% Level
300
µs
CBYP = 10nF
Transient
Line Transient Response
Trise = Tfall = 10µs
20
Response
|
δVOUT|
(5)
δVIN = 1VCBYP = 10nF
Load Transient Response
Trise = Tfall = 1µs
LDO 1
mV
175
|
δVOUT|
(5)
IOUT = 1mA to 150mA
(pk - pk)
LDO 2
150
IOUT = 1mA to 300mA
(5)
This electrical specification is ensured by design.
Output Capacitor, Recommended Specifications
Limit
Parameter
Test Conditions
Nom
Units
Min
Max
COUT
Output Capacitance
Capacitance
1.0
0.7
µF
(1)
ESR
5
500
m
(1)
The Capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be
considered when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended
capacitor is X7R. However, depending on the application, X5R, Y5V and Z5U can also be used. (See capacitor section in Applications
Hints).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5996


Similar Part No. - LP5996

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996SD-0833 NSC-LP5996SD-0833 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-1525 NSC-LP5996SD-1525 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-2828 NSC-LP5996SD-2828 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
More results

Similar Description - LP5996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com