Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC170CPE Datasheet(PDF) 8 Page - Microchip Technology

Part # TC170CPE
Description  CMOS Current Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170CPE Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC170CPE Datasheet HTML 4Page - Microchip Technology TC170CPE Datasheet HTML 5Page - Microchip Technology TC170CPE Datasheet HTML 6Page - Microchip Technology TC170CPE Datasheet HTML 7Page - Microchip Technology TC170CPE Datasheet HTML 8Page - Microchip Technology TC170CPE Datasheet HTML 9Page - Microchip Technology TC170CPE Datasheet HTML 10Page - Microchip Technology TC170CPE Datasheet HTML 11Page - Microchip Technology TC170CPE Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC170
DS21395B-page 8
© 2002 Microchip Technology Inc.
FIGURE 3-4:
TRANSFORMER
ISOLATED CURRENT
SENSE
3.6
Undervoltage Lockout
The undervoltage lockout circuit forces the TC170
outputs OFF (low) if the supply voltage is below 7.7V.
Threshold hysteresis is 0.75V and guarantees clean,
jitter-free turn-on and turnoff points. The hysteresis
also reduces capacitive filtering requirements at the
PWM controller supply input (pin 15).
3.7
Circuit Synchronization
Current-mode-controlled
power
supplies
can
be
operated in parallel with a common load. Paralleled
converters will equally share the load current. Voltage-
mode controllers unequally share the load current,
decreasing system reliability.
Two or more TC170 controllers can be slaved together
for parallel operation. Circuits can operate from a
master TC170 internal oscillator with an external driver
(Figure 3-5). Devices can also be slaved to an external
oscillator (Figure 3-6). Disable internal slave device
oscillators by grounding pin 8. Slave controllers derive
an oscillator from the bidirectional synchronization
output signal at pin 10.
Pin 10 is bidirectional in that it is intended to be both a
sync output and input. This is accomplished by making
the output driver "weak." This is advantageous in that it
eliminates an additional pin from the package but does
not enable the device to directly drive another device.
In order to make it an effective driver, a buffer is
required (Figure 3-5). In order to use pin 10 as a sync
input, it is necessary to overcome the internal driver.
This requires a pulse with an amplitude equal to VIN.
Since VIN must be above 8.25V for the undervoltage
lockout to be disabled, a CMOS or open-collector TTL
driver should be used.
FIGURE 3-5:
MASTER/SLAVE
PARALLEL OPERATION
FIGURE 3-6:
EXTERNAL CLOCK
SYNCHRONIZATION
4
3
VS
N1
IS
VS =
IS • RS
N
+
+
x 3.15 Current Sense
Amplifier
TC170
Master
SYNC
CMPTR
Slave
9
8
9
8
210
7
7
1/2 TC4427
10
CMPTR
SYNC
CO
RO
TC170
TC170
CO
RO
VDD
VREF
1/2
TC4427
SYNC
External*
Oscillator
29
29
10
15
15
8
10
VS
+
VDD
*Pulse Width of
Oscillator is = TD
CO
VREF
RO
VIN
TC170
TC170
SYNC
CO
VREF
RO
VIN


Similar Part No. - TC170CPE

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC170CPE TELCOM-TC170CPE Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
More results

Similar Description - TC170CPE

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
   CMOS Current-Mode PWM Voltage Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com