Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKZ75N65EL5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IKZ75N65EL5
Description  Best-in-Class tradeoff between conduction and switching losses
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKZ75N65EL5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IKZ75N65EL5 Datasheet HTML 1Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 2Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 3Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 4Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 5Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 6Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 7Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 8Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
IKZ75N65EL5
LowVCE(sat)seriesfifthgeneration
Rev.2.1,2014-12-10
LowVCE(sat)IGBTinTRENCHSTOPTM5technologycopackedwithRAPID1
fastandsoftantiparalleldiode

FeaturesandBenefits:
LowVCE(sat)L5technologyoffering
•Verylowcollector-emittersaturationvoltageVCEsat
•Best-in-Classtradeoffbetweenconductionandswitchinglosses
•650Vbreakdownvoltage
•LowgatechargeQG
•Maximumjunctiontemperature175°C
•QualifiedaccordingtoJEDECfortargetapplications
•Pb-freeleadplating
•RoHScompliant
•CompleteproductspectrumandPSpicemodels:
http://www.infineon.com/igbt/
Applications:
•Uninterruptiblepowersupplies
•Solarphotovoltaicinverters
•Weldingmachines
Packagepindefinition:
•PinC&backside-collector
•PinE-emitter
•PinK-Kelvinemitter
•PinG-gate
Pleasenote:TheemitterandKelvinemitterpinsarenot
exchangeable.Theirexchangemightleadtomalfunction.
KeyPerformanceandPackageParameters
Type
VCE
IC
VCEsat,Tvj=25°C
Tvjmax
Marking
Package
IKZ75N65EL5
650V
75A
1.1V
175°C
K75EEL5
PG-TO247-4


Similar Part No. - IKZ75N65EL5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
IKZ75N65ES5 INFINEON-IKZ75N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
More results

Similar Description - IKZ75N65EL5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N65EL5 INFINEON-IKW75N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW30N65EL5 INFINEON-IKW30N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW30N65NL5 INFINEON-IKW30N65NL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
logo
STMicroelectronics
STTH15AC06 STMICROELECTRONICS-STTH15AC06 Datasheet
305Kb / 8P
   Reduces switching and conduction losses
April 2015 Rev 2
logo
Vishay Siliconix
SIHH11N60E VISHAY-SIHH11N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
logo
International Rectifier
IRF6631PBF IRF-IRF6631PBF_15 Datasheet
253Kb / 10P
   Low Switching and Conduction Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com