Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB027N10N5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPB027N10N5
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB027N10N5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPB027N10N5 Datasheet HTML 3Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 4Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 5Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 6Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 7Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 8Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 9Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 10Page - Infineon Technologies AG IPB027N10N5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
OptiMOSª5Power-Transistor,100V
IPB027N10N5
Rev.2.1,2015-01-30
Final Data Sheet
5Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
50
100
150
200
0
50
100
150
200
250
300
Ptot=f(TC)
Diagram2:Draincurrent
TC[°C]
0
50
100
150
200
0
20
40
60
80
100
120
ID=f(TC);VGS
≥10V
Diagram3:Safeoperatingarea
VDS[V]
10-1
100
101
102
103
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tp);parameter:D=tp/T


Similar Part No. - IPB027N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB027N10N5 INFINEON-IPB027N10N5 Datasheet
1,008Kb / 11P
   OptiMOS짧 5 Power-Transistor, 100 V
Rev.2.2,2016-07-20
logo
Inchange Semiconductor ...
IPB027N10N5 ISC-IPB027N10N5 Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB027N10N5 INFINEON-IPB027N10N5_16 Datasheet
1,008Kb / 11P
   OptiMOS짧 5 Power-Transistor, 100 V
Rev.2.2,2016-07-20
More results

Similar Description - IPB027N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com