Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP023N08N5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPP023N08N5
Description  Ideal for high frequency switching and sync. rec
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP023N08N5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPP023N08N5 Datasheet HTML 1Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 2Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 3Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 4Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 5Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 6Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 7Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 8Page - Infineon Technologies AG IPP023N08N5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
OptiMOSª5Power-Transistor,80V
IPP023N08N5
Rev.2.0,2014-12-17
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
ID
-
-
-
-
120
120
A
TC=25°C1)
TC=100°C
Pulsed drain current
1)
ID,pulse
-
-
480
A
TC=25°C
Avalanche energy, single pulse
2)
EAS
-
-
674
mJ
ID=100A,RGS=25
Gate source voltage
VGS
-20
-
20
V
-
Power dissipation
Ptot
-
-
300
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-55
-
175
°C
IEC climatic category;
DIN IEC 68-1: 55/175/56
3Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
0.4
0.5
K/W
-
Thermal resistance, junction - ambient,
minimal footprint
RthJA
-
-
62
K/W
-
Thermal resistance, junction - ambient,
6 cm
2 cooling area3)
RthJA
-
-
40
K/W
-
Soldering temperature, wave and
reflow soldering are allowed
Tsold
-
-
260
°C
reflow MSL1
1) See figure 3 for more detailed information
2) See figure 13 for more detailed information
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain connection.
PCB is vertical in still air.


Similar Part No. - IPP023N08N5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP023N04N ISC-IPP023N04N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP023N04NG INFINEON-IPP023N04NG Datasheet
246Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.2 2009-12-11
More results

Similar Description - IPP023N08N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA083N10N5 INFINEON-IPA083N10N5 Datasheet
1Mb / 11P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-18
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA057N06N3G INFINEON-IPA057N06N3G Datasheet
551Kb / 9P
   Ideal for high frequency switching and sync. rec.
2010-05-03 revision:2.0
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPT015N10N5 INFINEON-IPT015N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-02-23
BSZ084N08NS5 INFINEON-BSZ084N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.0,2014-12-17
IPP020N08N5 INFINEON-IPP020N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com