Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC101BSA Datasheet(PDF) 3 Page - Surge Components

Part # SGC101BSA
Description  Reverse Voltage 100V Forward Current 10A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SGC101BSA Datasheet(HTML) 3 Page - Surge Components

  SGC101BSA Datasheet HTML 1Page - Surge Components SGC101BSA Datasheet HTML 2Page - Surge Components SGC101BSA Datasheet HTML 3Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - SGC101BSA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA Datasheet
210Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
More results

Similar Description - SGC101BSA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BS GOOD-ARK-SGC101BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
logo
Hi-Sincerity Mocroelect...
HSBR10100CT HSMC-HSBR10100CT Datasheet
174Kb / 4P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
logo
First Silicon Co., Ltd
SS10U100 FS-SS10U100 Datasheet
361Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 10A
logo
GOOD-ARK Electronics
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
logo
Surge Components
SGC051BS SURGE-SGC051BS Datasheet
162Kb / 3P
   Reverse Voltage 100V Forward Current 5A
SGC1060S SURGE-SGC1060S Datasheet
1Mb / 3P
   Reverse Voltage 60V Forward Current 10A
logo
Leshan Radio Company
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
AiT Semiconductor Inc.
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com