Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP217 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SP217
Description  TO-5 type header with clear epoxy encapsulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SP217 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SP217 Datasheet HTML 1Page - KODENSHI_AUK CORP. SP217 Datasheet HTML 2Page - KODENSHI_AUK CORP. SP217 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dec.2013
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to
the latest specifications.
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、
内容の確認をお願い致します
(pF)
(V)
(%)
(μA)
(nA)
(V)
端子間容量/逆電圧特性 Ct/VR
短絡電流/照度特性 ISC/EV
分光感度特性
暗電流/周囲温度特性 Id/Ta
暗電流/逆電圧特性 Id/VR
指向特性
(nA)
(℃)
波長 λ
Wavelength
照度 Ev
Illuminance
相対感度(%)
Relative sensitivity
角度( °)
Angle
逆電圧 V R
Reverse voltage
周囲温度 Ta
Ambient temperature
Ta =25℃
Ta =25℃
f =1MHZ
Ta =25℃
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
900
1000
1100
50
50
100
100
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
40
50
60
70
80
90
-90
0
50
100
150
200
250
1
2
3
4
5
6
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
103
102
101
101
104
100
102
103
104
105
(Lux)
103
102
101
104
100
10-1
10-2
10-3
103
102
101
100
10-1
10-2
10-3
逆電圧 V R
Reverse voltage
(nm)
PHOTODIODES
フォトダイオード
SP217
30
0


Similar Part No. - SP217

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP2102 SAMHOP-SP2102 Datasheet
125Kb / 7P
   Super high dense cell design for low RDS(ON).
SP2103 SAMHOP-SP2103 Datasheet
117Kb / 7P
   Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
   Super high dense cell design for low RDS(ON).
SP2107 SAMHOP-SP2107 Datasheet
116Kb / 7P
   Super high dense cell design for low RDS(ON).
SP2108 SAMHOP-SP2108 Datasheet
112Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SP217

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNF318U-4 STANLEY-DNF318U-4 Datasheet
181Kb / 10P
   5 type, Water clear epoxy
PP801 STANLEY-PP801 Datasheet
185Kb / 9P
   Concave Lenz type, Water clear epoxy
logo
Shanghai Leiditech Elec...
HL16-400H LEIDITECH-HL16-400H Datasheet
279Kb / 1P
   Encapsulation material: flame-retardant epoxy powder, in line with UL94V-0 requirements
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
832WC ETC-832WC Datasheet
170Kb / 8P
   Optically Clear Epoxy, Encapsulating & Potting Compound
07 February 2020
14251 ETC2-14251 Datasheet
89Kb / 2P
   5 Minute Epoxy
logo
OptoSupply Internationa...
OSBBY25111E OPTOSUPPLY-OSBBY25111E Datasheet
112Kb / 1P
   5mm Round Blue & Blue LED UV Resistant Epoxy/ Water Clear Type
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
63CPQ080 SMC-63CPQ080 Datasheet
141Kb / 5P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com