Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXV4UF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXV4UF
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXV4UF Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXV4UF Datasheet HTML 1Page - NXP Semiconductors PESDXV4UF Datasheet HTML 2Page - NXP Semiconductors PESDXV4UF Datasheet HTML 3Page - NXP Semiconductors PESDXV4UF Datasheet HTML 4Page - NXP Semiconductors PESDXV4UF Datasheet HTML 5Page - NXP Semiconductors PESDXV4UF Datasheet HTML 6Page - NXP Semiconductors PESDXV4UF Datasheet HTML 7Page - NXP Semiconductors PESDXV4UF Datasheet HTML 8Page - NXP Semiconductors PESDXV4UF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PESDXV4UF_G_W_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 January 2008
3 of 16
NXP Semiconductors
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
For PESDxV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PESD3V3V4UF
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
PESD5V0V4UF
PESD3V3V4UG
SC-88A
plastic surface-mounted package; 5 leads
SOT353
PESD5V0V4UG
PESD3V3V4UW
-
plastic surface-mounted package; 5 leads
SOT665
PESD5V0V4UW
Table 5.
Marking codes
Type number
Marking code[1]
PESD3V3V4UF
A7
PESD5V0V4UF
A8
PESD3V3V4UG
V1*
PESD5V0V4UG
V2*
PESD3V3V4UW
W1
PESD5V0V4UW
W2
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp = 8/20 µs
[1][2][3] -16
W
IPP
peak pulse current
tp = 8/20 µs
[1][2][3] -
1.5
A
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PESDXV4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
More results

Similar Description - PESDXV4UF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com