Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS5UD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESDXS5UD
Description  Fivefold ESD protection diode arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS5UD Datasheet(HTML) 2 Page - NXP Semiconductors

  PESDXS5UD Datasheet HTML 1Page - NXP Semiconductors PESDXS5UD Datasheet HTML 2Page - NXP Semiconductors PESDXS5UD Datasheet HTML 3Page - NXP Semiconductors PESDXS5UD Datasheet HTML 4Page - NXP Semiconductors PESDXS5UD Datasheet HTML 5Page - NXP Semiconductors PESDXS5UD Datasheet HTML 6Page - NXP Semiconductors PESDXS5UD Datasheet HTML 7Page - NXP Semiconductors PESDXS5UD Datasheet HTML 8Page - NXP Semiconductors PESDXS5UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PESDXS5UD_SER_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
2 of 13
NXP Semiconductors
PESDxS5UD series
Fivefold ESD protection diode arrays
2.
Pinning information
3.
Ordering information
4.
Marking
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S5UD
-
215
300
pF
PESD5V0S5UD
-
165
220
pF
PESD12VS5UD
-
73
100
pF
PESD15VS5UD
-
60
90
pF
PESD24VS5UD
-
45
70
pF
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode 1
2
common anode
3
cathode 2
4
cathode 3
5
cathode 4
6
cathode 5
13
2
4
5
6
6
1
5
2
4
3
006aaa159
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD3V3S5UD
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
PESD5V0S5UD
PESD12VS5UD
PESD15VS5UD
PESD24VS5UD
Table 4.
Marking codes
Type number
Marking code
PESD3V3S5UD
E1
PESD5V0S5UD
E2
PESD12VS5UD
E3
PESD15VS5UD
E4
PESD24VS5UD
E5


Similar Part No. - PESDXS5UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
More results

Similar Description - PESDXS5UD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
Nexperia B.V. All right...
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
logo
Nexperia B.V. All right...
PESD12VS5UD-Q NEXPERIA-PESD12VS5UD-Q Datasheet
238Kb / 12P
   Fivefold ESD protection diode array
15 May 2023
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com