Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS4UD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXS4UD
Description  Quadruple ESD protection diode arrays in a SOT457 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS4UD Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXS4UD Datasheet HTML 1Page - NXP Semiconductors PESDXS4UD Datasheet HTML 2Page - NXP Semiconductors PESDXS4UD Datasheet HTML 3Page - NXP Semiconductors PESDXS4UD Datasheet HTML 4Page - NXP Semiconductors PESDXS4UD Datasheet HTML 5Page - NXP Semiconductors PESDXS4UD Datasheet HTML 6Page - NXP Semiconductors PESDXS4UD Datasheet HTML 7Page - NXP Semiconductors PESDXS4UD Datasheet HTML 8Page - NXP Semiconductors PESDXS4UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PESDXS4UD_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 August 2009
3 of 12
NXP Semiconductors
PESDxS4UD series
Quadruple ESD protection diode arrays in a SOT457 package
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1, 3, 4 or 6 to 2 or 5
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1, 3, 4 or 6 to 2 or 5
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPP
peak pulse power
tp = 8/20 µs
[1][2] -
200
W
IPP
peak pulse current
tp = 8/20 µs
[1][2]
PESD3V3S4UD
-
20
A
PESD5V0S4UD
-
20
A
PESD12VS4UD
-
10
A
PESD15VS4UD
-
6
A
PESD24VS4UD
-
4
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2]
PESD3V3S4UD
-
30
kV
PESD5V0S4UD
-
30
kV
PESD12VS4UD
-
30
kV
PESD15VS4UD
-
30
kV
PESD24VS4UD
-
23
kV
PESDxS4UD series
HBM MIL-STD-883
-
10
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
HBM MIL-STD-883; class 3
> 10 kV


Similar Part No. - PESDXS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
More results

Similar Description - PESDXS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
PESD3V3S4UF NXP-PESD3V3S4UF Datasheet
83Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com