Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4404COA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4404COA
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404COA Datasheet(HTML) 5 Page - Microchip Technology

  TC4404COA Datasheet HTML 1Page - Microchip Technology TC4404COA Datasheet HTML 2Page - Microchip Technology TC4404COA Datasheet HTML 3Page - Microchip Technology TC4404COA Datasheet HTML 4Page - Microchip Technology TC4404COA Datasheet HTML 5Page - Microchip Technology TC4404COA Datasheet HTML 6Page - Microchip Technology TC4404COA Datasheet HTML 7Page - Microchip Technology TC4404COA Datasheet HTML 8Page - Microchip Technology TC4404COA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002 Microchip Technology Inc.
DS21418B-page 5
TC4404/TC4405
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin PDIP,
SOIC, CERDIP)
Symbol
Description
1VDD
Supply input, 4.5V to 18V.
2
IN A
Control input A, TTL/CMOS compatible input.
3
IN B
Control input A, TTL/CMOS compatible input.
4
GND
Ground.
5
B BOTTOM
Output B, pull down.
6
B TOP
Output B, pull up.
7
A BOTTOM
Output A, pull down.
8
A TOP
Output A, pull up.


Similar Part No. - TC4404COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4404COA TELCOM-TC4404COA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404COA MICROCHIP-TC4404COA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404COA MICROCHIP-TC4404COA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404COA MICROCHIP-TC4404COA Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
More results

Similar Description - TC4404COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com