Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCU9654 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCU9654
Description  8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCU9654 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCU9654 Datasheet HTML 3Page - NXP Semiconductors PCU9654 Datasheet HTML 4Page - NXP Semiconductors PCU9654 Datasheet HTML 5Page - NXP Semiconductors PCU9654 Datasheet HTML 6Page - NXP Semiconductors PCU9654 Datasheet HTML 7Page - NXP Semiconductors PCU9654 Datasheet HTML 8Page - NXP Semiconductors PCU9654 Datasheet HTML 9Page - NXP Semiconductors PCU9654 Datasheet HTML 10Page - NXP Semiconductors PCU9654 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
PCU9654
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 July 2012
7 of 36
NXP Semiconductors
PCU9654
8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
7.1.2 LED All Call UFm I2C-bus address
Default power-up value (ALLCALLADR register): E0h or 1110 000
Programmable through I2C-bus (volatile programming)
At power-up, LED All Call I2C-bus address is enabled.
See Section 7.3.8 “ALLCALLADR, LED All Call UFm I2C-bus address” for more detail.
Remark: The default LED All Call I2C-bus address (E0h or 1110 000) must not be used as
a regular I2C-bus slave address since this address is enabled at power-up. All the
PCU9654s on the I2C-bus will respond to the address if sent by the I2C-bus master.
7.1.3 LED Sub Call UFm I2C-bus addresses
3 different UFm I2C-bus addresses can be used
Default power-up values:
– SUBADR1 register: E2h or 1110 001
– SUBADR2 register: E4h or 1110 010
– SUBADR3 register: E8h or 1110 100
Programmable through I2C-bus (volatile programming)
At power-up, Sub Call I2C-bus addresses are disabled.
See Section 7.3.7 “SUBADR1 to SUBADR3, UFm I2C-bus subaddress 1 to 3” for more
detail.
7.1.4 Software Reset UFm I2C-bus address
The address shown in Figure 4 is used when a reset of the PCU9654 needs to be
performed by the master. The Software Reset address (SWRST Call) must be used with
W =logic0. If W = logic 1, the PCU9654 does not recognize the SWRST. See Section 7.6
“Software reset” for more detail.
Remark: The Software Reset UFm I2C-bus address is a reserved address and cannot be
used as a regular UFm I2C-bus slave address or as an LED All Call or LED Sub Call
address.
Fig 4.
Software Reset address
0
002aag323
0
0
0
0
0
1
1
W (write only)


Similar Part No. - PCU9654

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCU9654 NXP-PCU9654 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCU9654

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCU9956A NXP-PCU9956A Datasheet
1Mb / 50P
   24-channel UFm 5 MHz I2C-bus 57 mA/20 V constant current LED driver
Rev. 2-29 June 2015
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com