Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9622 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9622 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9622 Datasheet HTML 4Page - NXP Semiconductors PCA9622 Datasheet HTML 5Page - NXP Semiconductors PCA9622 Datasheet HTML 6Page - NXP Semiconductors PCA9622 Datasheet HTML 7Page - NXP Semiconductors PCA9622 Datasheet HTML 8Page - NXP Semiconductors PCA9622 Datasheet HTML 9Page - NXP Semiconductors PCA9622 Datasheet HTML 10Page - NXP Semiconductors PCA9622 Datasheet HTML 11Page - NXP Semiconductors PCA9622 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 2 June 2014
8 of 40
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
7.1.4 Software Reset I2C-bus address
The address shown in Figure 4 is used when a reset of the PCA9622 must be performed
by the master. The Software Reset address (SWRST Call) must be used with
R/W = logic 0. If R/W = logic 1, the PCA9622 does not acknowledge the SWRST. See
Section 7.6 “Software reset” for more detail.
Remark: The Software Reset I2C-bus address is a reserved address and cannot be used
as a regular I2C-bus slave address or as an LED All Call or LED Sub Call address.
7.2 Control register
Following the successful acknowledgement of the slave address, LED All Call address or
LED Sub Call address, the bus master sends a byte to the PCA9622, which is stored in
the Control register.
The lowest 5 bits are used as a pointer to determine which register is accessed (D[4:0]).
The highest 3 bits are used as Auto-Increment flag and Auto-Increment options (AI[2:0]).
When the Auto-Increment flag is set (AI2 = logic 1), the five low-order bits of the Control
register are automatically incremented after a read or write. This allows the user to
program the registers sequentially. Four different types of Auto-Increment are possible,
depending on AI1 and AI0 values.
Fig 4.
Software Reset address
0
002aab416
0
0
0
0
0
1
1
R/W
reset state = 80h
Remark: The Control register does not apply to the Software Reset I2C-bus address.
Fig 5.
Control register
002aac147
AI2
AI1
AI0
D4
D3
D2
D1
D0
Auto-Increment flag
register address
Auto-Increment options


Similar Part No. - PCA9622

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9622 NXP-PCA9622 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9622BS NXP-PCA9622BS Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622DR NXP-PCA9622DR Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
More results

Similar Description - PCA9622

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com